Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6806S-25DE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-6806S-25DE
Description  6-Slot Desktop/Wallmount Compact Chassis for Half-Sized Slot SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6806S-25DE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-6806S-25DE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6806S-25DE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-6806S-D
Ordering Information
Part Number
Color
CPU Card Form Factor
Power Supply Wattage
Backplane
Switch
IPC-6806S-25DE
Black
Half-sized
250W
-
ATX
Power Supply Specification
Part Number
80 Plus
Grade
Wattage Type
Input
PS8-250FATX-XE
Bronze
250W
Single AC100~240V (full-range)
Dimensions
Installation
Unit: mm [inch]
Unit: mm [inch]
205.60 [8.09]
221 [8.70]
191 [7.52]
221 [8.70]


Similar Part No. - IPC-6806S-25DE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806S-25DE ADVANTECH-IPC-6806S-25DE Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
More results

Similar Description - IPC-6806S-25DE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
6-Slot Desktop/Wallmount Chassis for Half-Size SBC
ACP-4D00 ADVANTECH-ACP-4D00_14 Datasheet
712Kb / 2P
Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
6/8-Slot Desktop/Wallmount Chassis
IPC-6806-25DE ADVANTECH-IPC-6806-25DE Datasheet
1Mb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Full/Half-Sized Slot SBC
IPC-6908BP-BE ADVANTECH-IPC-6908BP-BE Datasheet
703Kb / 2P
8-Slot Desktop/Wallmount Chassis for Full-Size SBC
ACP-4D00 ADVANTECH-ACP-4D00 Datasheet
654Kb / 2P
Dual-Node 350mm Depth 4U Chassis for Half-Sized Slot SBC
9-May-2017
IPC-6806 ADVANTECH-IPC-6806_17 Datasheet
1Mb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
IPC-6806S-D ADVANTECH-IPC-6806S-D Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
13-Sep-2017
IPC-6806S-D ADVANTECH-IPC-6806S-D_V01 Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com