Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6606BP-00XE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IPC-6606BP-00XE
Description  6/8-Slot Desktop/Wallmount Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6606BP-00XE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IPC-6606BP-00XE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6606BP-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IPC-6606/6608
Ordering Information
Part Number
Power Supply
Backplane
Switch
IPC-6606
IPC-6606BP-00XE
-
-
AT/ATX
IPC-6606P3-25BE
96PS-A250WPS2
PCA-6106P3-0D2E
AT
IPC-6606P3-30CE
96PS-A300WPS2
PCA-6106P3-0D2E
ATX
IPC-6608
IPC-6608BP-00E
-
-
AT/ATX
IPC-6608BP-25BE
96PS-A250WPS2
ATX
IPC-6608BP-30CE
96PS-A300WPS2
ATX
Power Supply Options
(For detailed power supply specs, please Refer to Chapter 12)
Part Number
Specifications
Watts
Input
PS8-250ATX-ZE (ATX, PFC)
250W
AC 100 ~ 240 V (full-range)
PS8-300ATX-ZBE (ATX, PFC)
300W
AC 100 ~ 240 V (full-range)
PS8-400ATX-ZE (ATX, PFC)
400W
AC 100 ~ 240 V (full-range)
Optional Accessories
Part Number
Description
IPC-DT-3120E
Mobile rack for converting a 3.5" drive bay to dual 2.5" SATA
HDD trays
IPC-DT-5230E
Mobile rack for converting dual 5.25" drive bays to three
3.5" SAS/SATA HDD trays
Installation
Dimensions
Unit: mm [inch]
Unit: mm [inch]
IPC-6606
IPC-6606
Bidirectional mounting
173.0
[6.8"]
401.0
[15.8”]
396.0
[15.6”]
POWER
SUPPLY
305.06
356.20
149.00
91.14
253.92
51.14
16.90
51.14
42.47
IPC-6608
IPC-6608
410
[16.14”]
173
[6.8"]
414.7
[16.33”]
8- 5.2 [ 0.2]
6- 5.2 [ 0.2]
8- 10 [ 0.39]
152.5 [6]
24 [0.94]
282.2 [11.11]
24 [0.94]
152.5 [6]


Similar Part No. - IPC-6606BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
More results

Similar Description - IPC-6606BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
6-Slot Desktop/Wallmount Chassis for Half-Size SBC
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6908 ADVANTECH-IPC-6908_12 Datasheet
2Mb / 2P
8-Slot Desktop/Wallmount Chassis with Front Alarm Notification
IPC-6806S-25DE ADVANTECH-IPC-6806S-25DE Datasheet
587Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-Sized Slot SBC
IPC-6908BP-BE ADVANTECH-IPC-6908BP-BE Datasheet
703Kb / 2P
8-Slot Desktop/Wallmount Chassis for Full-Size SBC
IPC-6806 ADVANTECH-IPC-6806_17 Datasheet
1Mb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
IPC-6806S-D ADVANTECH-IPC-6806S-D Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
13-Sep-2017
IPC-6806S-D ADVANTECH-IPC-6806S-D_V01 Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com