Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC-6606BP-00XE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IPC-6606BP-00XE
Description  6/8-Slot Desktop/Wallmount Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPC-6606BP-00XE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IPC-6606BP-00XE Datasheet HTML 1Page - Advantech Co., Ltd. IPC-6606BP-00XE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Chassis
Features
IPC-6606/6608 6/8-SlotDesktop/WallmountChassis
ƒ Support 6/8-slot PICMG 1.0 / PICMG 1.3 backplane
ƒ Shockproof drive bay for 5.25" ODD and 3.5" HDD
ƒ Two front access USB ports
ƒ Bidirectional to mount chassis on wall or workbench
ƒ Easy maintain system fan and filter
Specifications
Model Name
IPC-6606
IPC-6608
Drive Bay
5.25"
1
2
3.5"
2 (1 front-accessible, 1 internal)
1
Front I/O Interface
USB 2.0
2
2
Cooling
Fan
1 (9 cm / 53 CFM)
1 (12 cm / 85 CFM)
Air Filter
Yes
Miscellaneous
LED Indicators
Power and HDD
Control
Power switch and reset button
Environment
Temperature
0 ~ 40° C (32 ~ 104° F), operating
Humidity
10 ~ 85% @ 40° C, non-condensing
Physical Characteristics
Dimensions (W x H x D)
173 x 254 x 396 mm (6.8" x 10" x 15.6")
173 x 315 x 410 mm (6.8" x 12.4" x 16.1")
Weight
9 kg (19.8 lb)
11 kg (24.2 lb)
IPC-6608
Front View
Inside View
IPC-6606
Two 5.25" drive bays
Power LED
System reset button
Power
switch
One 3.5" drive bay
HDD LED
8-slot ISA or ISA/PCI backplane
Power
supply
Hold-down
clamp
85 CFM easy-to-maintain
cooling fan
Two USB
ports
One 3.5"
drive bay
Power LED
HDD LED
System
reset button
Power switch
One 53 CFM
cooling fan
One 5.25"
drive bay
Power supply
One internal
3.5" drive bay
Rubber-buffered
hold-down clamp
Two USB ports
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 26-Aug-2015


Similar Part No. - IPC-6606BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
1Mb / 2P
8/6-Slot Desktop/Wallmount Chassis with PS/2 and Redundant Power Supply Options
IPC-6606BP-00XE ADVANTECH-IPC-6606BP-00XE Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
More results

Similar Description - IPC-6606BP-00XE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
6-Slot Desktop/Wallmount Chassis for Half-Size SBC
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6608 ADVANTECH-IPC-6608_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
IPC-6908 ADVANTECH-IPC-6908_12 Datasheet
2Mb / 2P
8-Slot Desktop/Wallmount Chassis with Front Alarm Notification
IPC-6806S-25DE ADVANTECH-IPC-6806S-25DE Datasheet
587Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-Sized Slot SBC
IPC-6908BP-BE ADVANTECH-IPC-6908BP-BE Datasheet
703Kb / 2P
8-Slot Desktop/Wallmount Chassis for Full-Size SBC
IPC-6806 ADVANTECH-IPC-6806_17 Datasheet
1Mb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
IPC-6806S-D ADVANTECH-IPC-6806S-D Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
13-Sep-2017
IPC-6806S-D ADVANTECH-IPC-6806S-D_V01 Datasheet
671Kb / 2P
6-Slot Desktop/Wallmount Compact Chassis for Half-size Slot SBC
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com