Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-1723 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-1723
Description  16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-1723 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-1723_15 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
16-bit, 8-ch Analog Output PCI Card with
16-ch Digital I/O
14-bit, 12-ch Analog Output Universal
PCI Card with 32-ch Digital I/O
Specifications
Analog Output
ƒ
Channels
8
ƒ
Resolution
16 bits
ƒ
Output Rate
Static update
ƒ
Output Range
Bipolar (V)
±10
Current Loop (mA)
0 ~ 20, 4 ~ 20 (software programmable)
ƒ
Driving Capability
5 mA
ƒ
Output Impedance
0.1
W max.
ƒ
Operation Modes
Software polling, synchronized output
ƒ
Accuracy
Relative: ±6 LSB
Differential Non-linearity: ±6 LSB (monotonic)
Digital Input/Output
ƒ
Channels
16 (shared by input/output)
ƒ
Compatibility
5 V/TTL
ƒ
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
ƒ
Output Capability Sink Sink: 0.5 V @ 24 mA
Source: 2.0 V @ 15 mA
General
ƒ
Bus Type
PCI V2.2
ƒ
I/O Connectors
1 x 68-pin SCSI female connector
ƒ
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
ƒ
Power Consumption
Typical: 5 V @ 850 mA, 12 V @ 600 mA
Max.: 5 V @ 1 A, 12 V @ 700 mA
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 158°F)
ƒ
Storage Temperature
-20 ~ 85°C (-4 ~ 185°F)
ƒ
Storage Humidity
5 ~ 95% RH non-condensing
Ordering Information
ƒ
PCI-1723
16-bit, 8-ch Non-isolated Analog Output PCI Card
Accessories
ƒ
PCL-10168-1E
68-pin SCSI Shielded Cable, 1 m
ƒ
PCL-10168-2E
68-pin SCSI Shielded Cable, 2 m
ƒ
ADAM-3968
68-pin DIN-rail SCSI Wiring Board
Specifications
Analog Output
ƒ
Channels
12
ƒ
Resolution
14 bits
ƒ
Output Rate
Static update
ƒ
Output Range
Bipolar (V)
±5
Unipolar (V)
0 ~ 5, 0 ~ 10
Current Loop (mA)
0 ~ 20
ƒ
Slew Rate
0.7 V/μs
ƒ
Driving Capability
15 mA
ƒ
Operation Modes
Software polling, synchronized output
ƒ
Current Loop Excitation 8 ~ 36 V
Digital Input
ƒ
Channels
16
ƒ
Compatibility
5 V/TTL
ƒ
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
ƒ
Input Loading
0.5 V @ 0.4 mA max. (low)
2.7 V @ 50 μA max. (high)
Digital Output
ƒ
Channels
16
ƒ
Compatibility
5 V/TTL
ƒ
Output Voltage
Logic 0: 0.5 V, Logic 1: 2.4 V
ƒ
Output Capability
Sink: 0.5 V @ 8 mA
Source: 2.4 V @ 0.4 mA
General
ƒ
Bus Type
Universal PCI V2.2
ƒ
I/O Connectors
1 x 37-pin D-type female connector
2 x 20-pin box header
ƒ
Power Consumption
5 V @ 460 mA typical, 500 mA max
12 V @ 150 mA typical,100 mA max
ƒ
Dimensions (L x H)
175 × 100 mm (6.9" ×3.9")
ƒ
Operating Temperature 0 ~ 50°C (32 ~ 122°F)
ƒ
Storing Temperature
-20 ~ 65°C (-4 ~ 149°F)
ƒ
Storing Humidity
5 ~ 95% RH, non-condensing
Ordering Information
ƒ
PCI-1727U
14-bit, 12-ch Universal Analog Output Card
Accessories
ƒ
PCL-10120-1E
20-pin flat cable, 1 m
ƒ
PCL-10137-1E
DB37 cable assembly, 1 m
ƒ
ADAM-3937
DB37 wiring terminal for DIN-rail mounting
PCI-1723
PCI-1727U
PCI-1723
PCI-1727U
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PCI-1723_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1723 ADVANTECH-PCI-1723 Datasheet
592Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
More results

Similar Description - PCI-1723_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
PCI-1723 ADVANTECH-PCI-1723 Datasheet
592Kb / 1P
16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
PCI-1753 ADVANTECH-PCI-1753 Datasheet
665Kb / 1P
96-ch Digital I/O PCI Card
PCL-727 ADVANTECH-PCL-727 Datasheet
535Kb / 1P
12-bit, 12-ch Analog Output ISA Card with 32-ch Digital I/O
PCL-728 ADVANTECH-PCL-728 Datasheet
539Kb / 1P
12-bit, 6-ch Analog Output ISA Card with 32-ch Digital I/O
PCL-735 ADVANTECH-PCL-735 Datasheet
565Kb / 1P
12-ch Relay ISA Card with 16-ch Digital I/O
ADAM-4056SO ADVANTECH-ADAM-4056SO Datasheet
80Kb / 1P
16-ch Digital Input Module 16-ch Isolated Digital I/O Module with Modbus
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
8/16-CH 16-Bit Analog Output Cards
logo
Advantech Co., Ltd.
PCI-1753 ADVANTECH-PCI-1753_15 Datasheet
340Kb / 1P
96-ch Digital I/O PCI Card
PCIE-1824 ADVANTECH-PCIE-1824 Datasheet
433Kb / 1P
16-bit ,32/16-ch Analog Output PCI Express Card
15-Jan-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com