Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2S Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2S
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2S Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M13S2561616A-2S Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ESMT
M13S2561616A (2S)
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2015
Revision : 1.0
3/49
PIN CONFIGURATION (TOP VIEW)
BALL CONFIGURATION (TOP VIEW)
(TSOPII 66L, 400milX875mil Body, 0.65mm Pin Pitch)
(BGA60, 8mmX13mmX1.0mm Body, 0.8mm Ball Pitch)
Pin Description
Pin Name
Function
Pin Name
Function
A0~A12,
BA0, BA1
Address inputs
- Row address A0~A12
- Column address A0~A8
A10/AP: AUTO Precharge
BA0, BA1: Bank selects (4 Banks)
LDM, UDM
DM is an input mask signal for write data.
LDM corresponds to the data on DQ0~DQ7;
UDM correspond to the data on DQ8~DQ15.
DQ0~DQ15
Data-in/Data-out
CLK, CLK
Clock input
RAS
Row address strobe
CKE
Clock enable
CAS
Column address strobe
CS
Chip select
WE
Write enable
VDDQ
Supply Voltage for DQ
VSS
Ground
VSSQ
Ground for DQ
VDD
Power
VREF
Reference Voltage for SSTL_2
LDQS, UDQS
Bi-directional Data Strobe.
LDQS corresponds to the data on DQ0~DQ7;
UDQS correspond to the data on DQ8~DQ15.
NC
No connection
VSSQ
DQ14
DQ12
DQ10
DQ8
VREF
A
B
C
D
E
F
G
H
J
K
L
M
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CLK
A12
A11
A8
A6
A4
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CLK
CKE
A9
A7
A5
VSS
VDDQ
DQ1
DQ3
DQ5
DQ7
NC
VDD
DQ2
DQ4
DQ6
LDQS
LDM
WE
RAS
BA1
A0
A2
VDD
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
12
3
78
9


Similar Part No. - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com