Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2S Datasheet(PDF) 29 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2S
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2S Datasheet(HTML) 29 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2S Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 33Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
ESMT
M13S2561616A (2S)
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2015
Revision : 1.0
29/49
Truth Table – Current State Bank n
Current State
CS
RAS
CAS
WE
COMMAND / ACTION
NOTE
Command to Bank n
[Note 1~6,13]
H
X
X
X
DESELECT (NOP / continue previous operation)
Any
L
H
H
H
No Operation (NOP / continue previous operation)
L
L
H
H
ACTIVE (select and activate row)
L
L
L
H
AUTO REFRESH
7
Idle
L
L
L
L
MODE REGISTER SET
7
L
H
L
H
READ (select column & start read burst)
10
L
H
L
L
WRITE (select column & start write burst)
10
Row Active
L
L
H
L
PRECHARGE (deactivate row in bank or banks)
8
L
H
L
H
READ (select column & start new read burst)
10
L
H
L
L
WRITE (select column & start write burst)
10, 12
L
L
H
L
PRECHARGE (truncate read burst, start precharge)
8
Read
(Auto Precharge
Disabled)
L
H
H
L
BURST TERMINATE
9
L
H
L
H
READ (select column & start read burst)
10, 11
L
H
L
L
WRITE (select column & start new write burst)
10
Write
(Auto Precharge
Disabled)
L
L
H
L
PRECHARGE (truncate write burst, start precharge)
8, 11
Command to Bank m
[Note 1~3, 6,13~15]
H
X
X
X
DESELECT (NOP / continue previous operation)
Any
L
H
H
H
No Operation (NOP / continue previous operation)
Idle
X
X
X
X
Any command allowed to bank m
L
L
H
H
ACTIVE (select and activate row)
L
H
L
H
READ (select column & start read burst)
10
L
H
L
L
WRITE (select column & start write burst)
10
Row Activating,
Active, or
Precharging
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (select and activate row)
L
H
L
H
READ (select column & start new read burst)
10
L
H
L
L
WRITE (select column & start write burst)
10, 12
Read
(Auto Precharge
disabled)
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (select and activate row)
L
H
L
H
READ (select column & start read burst)
10, 11
L
H
L
L
WRITE (select column & start new write burst)
10
Write
(Auto Precharge
disabled)
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (select and activate row)
L
H
L
H
READ (select column & start new read burst)
3a, 10
L
H
L
L
WRITE (select column & start write burst)
3a, 10, 12
Read with
Auto Precharge
L
L
H
L
PRECHARGE
L
L
H
H
ACTIVE (select and activate row)
L
H
L
H
READ (select column & start read burst)
3a, 10
L
H
L
L
WRITE (select column & start new write burst)
3a, 10
Write with
Auto Precharge
L
L
H
L
PRECHARGE


Similar Part No. - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com