Electronic Components Datasheet Search |
|
M13S2561616A-2S Datasheet(PDF) 27 Page - Elite Semiconductor Memory Technology Inc. |
|
|
M13S2561616A-2S Datasheet(HTML) 27 Page - Elite Semiconductor Memory Technology Inc. |
27 / 49 page ESMT M13S2561616A (2S) Operation Temperature Condition -40°C~85°C Elite Semiconductor Memory Technology Inc. Publication Date : Jan. 2015 Revision : 1.0 27/49 Auto Refresh & Self Refresh Auto Refresh An auto refresh command is issued by having CS , RAS and CAS held low with CKE and WE high at the rising edge of the clock (CLK). All banks must be precharged and idle for tRP(min) before the auto refresh command is applied. No control of the external address pins is requires once this cycle has started because of the internal address counter. When the refresh cycle has completed, all banks will be in the idle state. A delay between the auto refresh command and the next activate command or subsequent auto refresh command must be greater than or equal to the tRFC(min). A maximum of eight consecutive AUTO REFRESH commands (with tRFC(min)) can be posted to any given DDR SDRAM meaning that the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is 8 x tREFI . CO M M A N D CK E = Hi g h t RP PR E Auto Refresh CM D t RF C CL K CL K Self Refresh A self refresh command is defines by having CS , RAS , CAS and CKE held low with WE high at the rising edge of the clock (CLK). Once the self refresh command is initiated, CKE must be held low to keep the device in self refresh mode. During the self refresh operation, all inputs except CKE are ignored. Since CKE is an SSTL_2 input, VREF must be maintained during self refresh. The clock is internally disabled during self refresh operation to reduce power consumption. The self refresh is exited by supplying stable clock input before returning CKE high, asserting deselect or NOP command and then asserting CKE high for longer than tXSRD for locking of DLL. CO M M A N D CKE t XSNR (m i n ) Self Ref resh Auto Ref resh NO P t IS CL K CL K NOP NO P NO P NO P NO P t IS Note: After self refresh exit, input an auto refresh command immediately. |
Similar Part No. - M13S2561616A-2S |
|
Similar Description - M13S2561616A-2S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |