Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2S Datasheet(PDF) 12 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2S
Description  Double-data-rate architecture, two data transfers per clock cycle
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2S Datasheet(HTML) 12 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2S Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
ESMT
M13S2561616A (2S)
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2015
Revision : 1.0
12/49
Command Truth Table
COMMAND
CKEn-1 CKEn CS RAS CAS
WE
DM
BA0,
BA1
A10/AP
A12~A11,
A9~A0
Note
Register
Extended MRS
H
X
L
L
L
L
X
OP CODE
1,2
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self Refresh
Exit
L
H
H
X
X
X
XX
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Auto Precharge Disable
L
4
Read &
Column
Address
Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Address
(A0~A8)
4
Auto Precharge Disable
L
4,8
Write &
Column
Address
Auto Precharge Enable
H
X
L
H
L
L
V
V
H
Column
Address
(A0~A8)
4,6,8
Burst Terminate
H
X
L
H
H
L
X
X
7
Bank Selection
V
L
Precharge
All Banks
H
X
L
L
H
L
X
X
H
X
5
H
X
X
X
Entry
H
L
L
H
H
H
X
Active Power Down Mode
Exit
L
H
X
X
X
X
X
X
H
X
X
X
Entry
H
L
L
H
H
H
X
H
X
X
X
Precharge Power Down
Mode
Exit
L
H
L
H
H
H
X
X
Deselect (NOP)
H
X
X
X
No Operation (NOP)
H
X
L
H
H
H
XX
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Notes:
1. OP Code: Operand Code. A0~A12 & BA0~BA1: Program keys. (@EMRS/MRS)
2. EMRS/MRS can be issued only at all banks precharge state.
A new command can be issued 2 clock cycles after EMRS or MRS.
3. Auto refresh functions are same as the CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by “Auto”.
Auto/self refresh can be issued only at all banks precharge state.
4. BA0~BA1: Bank select addresses.
If both BA0 and BA1 are “Low” at read, write, row active and precharge, bank A is selected.
If BA0 is “High” and BA1 is “Low” at read, write, row active and precharge, bank B is selected.
If BA0 is “Low” and BA1 is “High” at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are “High” at read, write, row active and precharge, bank D is selected.
5. If A10/AP is “High” at row precharge, BA0 and BA1 are ignored and all banks are selected.
6. During burst write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after end of burst.
7. Burst Terminate command is valid at every burst length.
8. DM and Data-in are sampled at the rising and falling edges of the DQS. Data-in byte are masked if the corresponding
and coincident DM is “High”. (Write DM latency is 0).


Similar Part No. - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com