Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S2561616A-2S Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2S
Description  Double-data-rate architecture, two data transfers per clock cycle
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2S Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2S Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2S Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ESMT
M13S2561616A (2S)
Operation Temperature Condition -40°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date : Jan. 2015
Revision : 1.0
11/49
4.
AC timing and IDD tests may use a VIL to VIH swing of up to 1.5 V in the test environment, but input timing is still
referenced to VREF (or to the crossing point for CLK/ CLK ), and parameter specifications are guaranteed for the
specified AC input levels under normal use conditions. The minimum slew rate for the input signals is 1 V/ns in the
range between VIL(AC) and VIH(AC).
5.
The AC and DC input level specifications are as defined in the SSTL_2 Standard (i.e., the receiver will effectively
switch as a result of the signal crossing the AC input level and will remain in that state as long as the signal does not
ring back above (below) the DC input LOW (HIGH) level.
6.
Inputs are not recognized as valid until VREF stabilizes. Exception: during the period before VREF stabilizes, CKE ≤
0.2VDDQ is recognized as LOW.
7.
Enables on-chip refresh and address counters.
8.
IDD specifications are tested after the device is properly initialized.
9.
The CLK/ CLK input reference level (for timing referenced to CLK/ CLK ) is the point at which CLK and CLK cross;
the input reference level for signals other than CLK/ CLK , is VREF.
10. The output timing reference voltage level is VTT.
11. tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not
referenced to a specific voltage level but specify when the device output is no longer driving (tHZ), or begins driving
(tLZ).
12. The maximum limit for this parameter is not a device limit. The device will operate with a greater value for this
parameter, but system performance (bus turnaround) will degrade accordingly.
13. The specific requirement is that DQS be valid (HIGH, LOW, or at some point on a valid transition) on or before this
CLK edge. A valid transition is defined as monotonic and meeting the input slew rate specifications of the device.
When no writes were previously in progress on the bus, DQS will be transitioning from High- Z to logic LOW. If a
previous write was in progress, DQS could be HIGH, LOW, or transitioning from HIGH to LOW at this time, depending
on tDQSS.
14. A maximum of eight AUTO REFRESH commands can be posted to any given DDR SDRAM device.
15. For command/address input slew rate ≥ 1.0 V/ns
16. For command/address input slew rate ≥ 0.5 V/ns and < 1.0 V/ns
17. For CLK & CLK slew rate ≥ 1.0 V/ns
18. These parameters guarantee device timing, but they are not necessarily tested on each device. They may be
guaranteed by device design or tester correlation.
19. Slew Rate is measured between VOH(AC) and VOL(AC).
20. Min (tCL, tCH) refers to the smaller of the actual clock low time and the actual clock high time as provided to the device
(i.e. this value can be greater than the minimum specification limits for tCL and tCH).....For example, tCL and tCH are =
50% of the period, less the half period jitter (tJIT(HP)) of the clock source, and less the half period jitter due to
crosstalk (tJIT(crosstalk)) into the clock traces.
21. tQH = tHP - tQHS, where:
tHP = minimum half clock period for any given cycle and is defined by clock high or clock low (tCH, tCL). tQHS accounts
for 1) The pulse duration distortion of on-chip clock circuits; and 2) The worst case push-out of DQS on one transition
followed by the worst case pull-in of DQ on the next transition, both of which are, separately, due to data pin skew
and output pattern effects, and p-channel to n-channel variation of the output drivers.
22. tDQSQ Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers
for any given cycle.
23. For each of the terms above, if not already an integer, round to the next highest integer.


Similar Part No. - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2S

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com