Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L2561616A-2A Datasheet(PDF) 20 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L2561616A-2A
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L2561616A-2A Datasheet(HTML) 20 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L2561616A-2A Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ESMT
M13L2561616A (2A)
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2012
Revision : 1.0
20/49
Read Interrupted by a Precharge
A Burst Read operation can be interrupted by precharge of the same bank. The minimum 1 clock is required for the read to
precharge intervals. A precharge command to output disable latency is equivalent to the CAS latency.
<Burst Length = 8, CAS Latency = 3>
01
23
4
5
6
7
8
CO M M A N D
DQ S
DQ ' s
RE A D
NO P
NO P
NO P
NO P
NO P
NO P
DOUT 0
Precharge
1t CK
NO P
I n t e r r u pted by pr e c h a r g e
CL K
CL K
DOUT 1 DOUT 2 DOUT 3 DOUT 4 DOUT 5 DOUT 6 DOUT 7
When a burst Read command is issued to a DDR SDRAM, a Precharge command may be issued to the same bank before
the Read burst is complete. The following functionality determines when a Precharge command may be given during a Read
burst and when a new Bank Activate command may be issued to the same bank.
1. For the earliest possible Precharge command without interrupting a Read burst, the Precharge command may be given on
the rising clock edge which is CL clock cycles before the end of the Read burst where CL is the CAS Latency. A new
Bank Activate command may be issued to the same bank after tRP (RAS precharge time).
2. When a Precharge command interrupts a Read burst operation, the Precharge command may be given on the rising clock
edge which is CL clock cycles before the last data from the interrupted Read burst where CL is the CAS Latency. Once
the last data word has been output, the output buffers are tristated. A new Bank Activate command may be issued to the
same bank after tRP.
3. For a Read with auto precharge command, a new Bank Activate command may be issued to the same bank after tRP
where tRP begins on the rising clock edge which is CL clock cycles before the end of the Read burst where CL is the CAS
Latency. During Read with auto precharge, the initiation of the internal precharge occurs at the same time as the earliest
possible external Precharge command would initiate a precharge operation without interrupting the Read burst as
described in 1 above.
4. For all cases above, tRP is an analog delay that needs to be converted into clock cycles. The number of clock cycles
between a Precharge command and a new Bank Activate command to the same bank equals tRP / tCK (where tCK is the
clock cycle time) with the result rounded up to the nearest integer number of clock cycles.
In all cases, a Precharge operation cannot be initiated unless tRAS (min) [minimum Bank Activate to Precharge time] has been
satisfied. This includes Read with auto precharge commands where tRAS (min) must still be satisfied such that a Read with
auto precharge command has the same timing as a Read command followed by the earliest possible Precharge command
which does not interrupt the burst.


Similar Part No. - M13L2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com