Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L2561616A-2A Datasheet(PDF) 15 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L2561616A-2A
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L2561616A-2A Datasheet(HTML) 15 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L2561616A-2A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13L2561616A-2A Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
ESMT
M13L2561616A (2A)
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2012
Revision : 1.0
15/49
Extended Mode Register Set (EMRS)
The extended mode register stores the data enabling or disabling DLL, and selecting output drive strength. The default value of
the extended mode register is not defined, therefore the extended mode register must be written after power up for enabling or
disabling DLL. The extended mode register is written by asserting low on CS , RAS , CAS , WE and high on BA0 (The DDR
SDRAM should be in all bank precharge with CKE already high prior to writing into the extended mode register). The state of
address pins A0~A12 and BA0~BA1 in the same cycle as CS , RAS , CAS and WE going low is written in the extended
mode register. Two clock cycles are requested to complete the write operation in the mode register. The mode register contents
can be changed using the same command and clock cycle requirements during operation as long as all banks are in the idle
state. A0 is used for DLL enable or disable. A1 and A6 are used for selecting output drive strength. “High” on BA0 is used for
EMRS. All the other address pins except A0~A1, A6 and BA0 must be set to low for proper EMRS operation. Refer to the table
for specific codes.
BA1 BA0 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
0
1
RFU
DS
RFU
DS DLL
Extended Mode Register
A6
A1
Drive Strength
A0
DLL Enable
0
0
100 % Strength
0
Enable
0
1
60 % Strength
1
Disable
1
0
RFU
1
1
30 % Strength
BA1
BA0
Operating Mode
0
0
MRS Cycle
0
1
EMRS Cycle
Note: RFU (Reserved for future use) must stay “0” during EMRS cycle.


Similar Part No. - M13L2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com