Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 28 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 28 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 32Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
28/48
Power down
Power down is entered when CKE is registered Low (no accesses can be in progress). If power down occurs when all banks are idle,
this mode is referred to as precharge power-down; if power down occurs when there is a row active in any bank, this mode is
referred to as active power-down.
Entering power down deactivates the input and output buffers, excluding CLK, CLK and CKE. In power down mode, CKE Low
must be maintained, and all other input signals are “Don’t Care”. The minimum power down duration is at least 1 tCK + tIS. However,
power down duration is limited by the refresh requirements of the device.
The power down state is synchronously exited when CKE is registered High (along with a NOP or DESELECT command). A valid
command may be applied 1 tCK + tIS after exit from power down.
CO M M A N D
CK E
CLK
CLK
Precharge
Read
Enter Prec h arge
pow er- do wn
m ode
tIS
tIS
tIS
tIS
Active
E xi t P r ec har g e
power-d own
mo de
Enter Acti ve
powe r- d own
m ode
Exit Activ e
power -d own
mo de
tRP
Functional Truth Table
Truth Table – CKE
[Note 1~4, 6]
CKE n-1
CKE n
Current State
COMMAND n
ACTION n
NOTE
L
L
Power Down
X
Maintain Power Down
L
L
Self Refresh
X
Maintain Self Refresh
7
L
H
Power Down
NOP or DESELECT
Exit Power Down
L
H
Self Refresh
NOP or DESELECT
Exit Self Refresh
5, 7
H
L
All Banks Idle
NOP or DESELECT
Precharge Power Down Entry
H
L
Bank(s) Active
NOP or DESELECT
Active Power Down Entry
H
L
All Banks Idle
AUTO REFRESH
Self Refresh Entry
H
H
See the Truth Tables as follow
Notes:
1. CKE n is the logic state of CKE at clock edge n; CKE n-1 was the state of CKE at the previous clock edge.
2. Current state is the state of DDR SDRAM immediately prior to clock edge n.
3. COMMAND n is the command registered at clock edge n, and ACTION n is the result of COMMAND n.
4. All states and sequences not shown are illegal or reserved.
5. DESELECT and NOP DESELECT or NOP commands should be issued on any clock edges occurring during the tXSNR or
tXSRD period. A minimum of 200 clock cycles is needed before applying any executable command, for the DLL to lock.
6. Operation or timing that is not specified is illegal and after such an event, in order to guarantee proper operation, the DRAM
must be powered down and then restarted through the specified initialization sequence before normal operation can
continue.
7. VREF must be maintained during Self Refresh operation.


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com