Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M13L32321A-2G Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
5/48
DC Operation Conditions - continued
Parameter
Symbol
Min
Max
Unit
Note
Output High Current (Full strength driver)
(VOUT =VDDQ-0.373V, min VREF, min VTT)
IOH
-15
mA
5, 7
Output Low Current (Full strength driver)
(VOUT = 0.373V, max VREF, max VTT)
IOL
+15
mA
5, 7
Output High Current (Reduced strength driver – 60%)
(VOUT = VDDQ-0.763V, min VREF, min VTT)
IOH
-9
mA
6
Output Low Current (Reduced strength driver – 60%)
(VOUT = 0.763V, max VREF, max VTT)
IOL
+9
mA
6
Output High Current (Reduced strength driver – 30%)
(VOUT = VDDQ-1.056V, min VREF, min VTT)
IOH
-4.5
mA
6
Output Low Current (Reduced strength driver – 30%)
(VOUT = 1.056V, max VREF, max VTT)
IOL
+4.5
mA
6
Output High Current (Reduced strength driver – 15%)
(VOUT = VDDQ-1.202V, min VREF, min VTT)
IOH
-2.25
mA
6
Output Low Current (Reduced strength driver – 15%)
(VOUT = 1.202V, max VREF, max VTT)
IOL
+2.25
mA
6
Notes:
1. VREF is expected to be equal to 0.5* VDDQ of the transmitting device, and to track variations in the DC level of the same.
Peak-to-peak noise on VREF may not exceed 2% of the DC value.
2. VTT is not applied directly to the device. VTT is system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF.
3. VID is the magnitude of the difference between the input level on CLK and the input level on CLK .
4. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire
temperature and voltage range, for device drain to source voltages from 0.25 V to 1.0 V. For a given output, it represents the
maximum difference between pullup and pulldown drivers due to process variation. The full variation in the ratio of the
maximum to minimum pullup and pulldown current will not exceed 1.7 for device drain to source voltages from 0.1 to 1.0.
5. VOH = 2.65V, VOL =0.35V.
6. VOH = 2.6V, VOL =0.4V.
7. The values of IOH(DC) is based on VDDQ = 3V and VTT = 1.54V.
The values of IOL(DC) is based on VDDQ = 3V and VTT = 1.46V.


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com