Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 4 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 4 Page - Elite Semiconductor Memory Technology Inc.

  M13L32321A-2G Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
4/48
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Voltage on VDD & VDDQ supply relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Voltage on inputs relative to VSS
VINPUT
-1.0 ~ 4.6
V
Voltage on I/O pins relative to VSS
VIO
-0.5 ~ VDDQ+0.5
V
Operating ambient temperature
TA
0 ~ +70
C
°
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
2
W
Short circuit current
IOS
50
mA
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operation Condition & Specifications
DC Operation Condition
Recommended operating conditions (Voltage reference to VSS = 0V C
°)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage
VDD
3
3.6
V
I/O Supply voltage
VDDQ
3
3.6
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage (system)
VTT
VREF - 0.04
VREF + 0.04
V
2
Input logic high voltage
VIH (DC)
VREF + 0.6
VDDQ + 0.3
V
Input logic low voltage
VIL (DC)
-0.3
VREF - 0.6
V
Input Voltage Level, CLK and CLK inputs
VIN (DC)
-0.3
VDDQ + 0.3
V
Input Differential Voltage, CLK and CLK inputs
VID (DC)
0.36
VDDQ + 0.6
V
3
V–I Matching: Pullup to Pulldown Current Ratio
VI (Ratio)
0.71
1.4
-
4
Input leakage current: Any input 0V ≤ VIN ≤ VDD
(All other pins not tested under = 0V)
IL
-2
2
μ A
Output leakage current
(DQs are disable; 0V ≤ VOUT ≤ VDDQ)
IOZ
-5
5
μ A


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com