Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M13L32321A-2G Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
3/48
BALL CONFIGURATION (TOP VIEW)
(BGA144, 12mmX12mmX1.4mm Body, 0.8mm Ball Pitch)
DQS0
VSS
Thermal
DQ4
DQ6
DQ7
DQ17
DQ19
DQS2
DQ21
DQ22
CAS
CS
RAS
DM0
VDDQ
DQ5
VDDQ
DQ16
DQ18
DM2
DQ20
DQ23
WE
NC
NC
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
BA
NC
DQ3
VDDQ
VSSQ
VSS
VSSQ
VSS
A0
NC
23
45
6
7
89
VSSQ
VSSQ
VSSQ
VSSQ
DQ2
DQ1
VSSQ
VSSQ
VSS
A10
A1
A2
DQ0
VDDQ
VDD
VSS
VSS
VDD
A3
NC
DQ31
VDDQ
VDD
VSS
A4
A9
DQ29
DQ30
VSSQ
VSSQ
NC
A6
A5
VSS
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
VDD
VSS
Thermal
VSS
Thermal
VSS
Thermal
VSS
Thermal
10
DQ28
VDDQ
VSSQ
VSS
VSS
A7
NC
VSSQ
NC
VSSQ
VDD
VDD
A8/AP
CLK
DM3
VDDQ
DQ26
VDDQ
CKE
CLK
DQS3
DQ27
DQ25
DQ24
NC
VREF
NC
DQ8
VDDQ
NC
DQ15
DQ13
DM1
DQ11
DQ9
NC
DQ14
DQ12
DQS1
DQ10
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
11
12
VDDQ
VDDQ
VDDQ
13
B
C
D
E
F
G
H
J
K
L
M
N
Pin Description
Pin Name
Function
Pin Name
Function
A0~A10,
BA
Address inputs
- Row address A0~A10
- Column address A0~A7
A8/AP : AUTO Precharge
BA : Bank select (2 Banks)
DM0~DM3
DM is an input mask signal for write data.
DM0 corresponds to the data on DQ0~DQ7;
DM1 corresponds to the data on DQ8~DQ15;
DM2 corresponds to the data on DQ16~DQ23;
DM3 corresponds to the data on DQ24~DQ31.
DQ0~DQ31
Data-in/Data-out
CLK, CLK
Clock input
RAS
Row address strobe
CKE
Clock enable
CAS
Column address strobe
CS
Chip select
WE
Write enable
VDDQ
Supply Voltage for DQ
VSS
Ground
VSSQ
Ground for DQ
VDD
Power
VREF
Reference Voltage
DQS0~DQS3
Bi- directional Data Strobe.
DQS0 correspond to the data on DQ0~DQ7;
DQS1 correspond to the data on DQ8~DQ15;
DQS2 correspond to the data on DQ16~DQ23;
DQS3 correspond to the data on DQ24~DQ31.
NC
No connection


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com