Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 27 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 27 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 31Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
27/48
Auto Refresh & Self Refresh
Auto Refresh
An auto refresh command is issued by having CS , RAS and CAS held low with CKE and WE high at the rising edge of the
clock (CLK). All banks must be precharged and idle for tRP(min) before the auto refresh command is applied. No control of the
external address pins is requires once this cycle has started because of the internal address counter. When the refresh cycle has
completed, all banks will be in the idle state. A delay between the auto refresh command and the next activate command or
subsequent auto refresh command must be greater than or equal to the tRFC(min).
A maximum of eight consecutive AUTO REFRESH commands (with tRFC(min)) can be posted to any given DDR SDRAM meaning
that the maximum absolute interval between any AUTO REFRESH command and the next AUTO REFRESH command is 8 x tREFI .
CO M M A N D
CK E = Hi g h
t RP
PR E
Auto
Refresh
CM D
t RF C
CL K
CL K
Self Refresh
A self refresh command is defines by having CS , RAS , CAS and CKE held low with WE high at the rising edge of the clock
(CLK). Once the self refresh command is initiated, CKE must be held low to keep the device in self refresh mode. During the self
refresh operation, all inputs except CKE are ignored. Since CKE is an input, VREF must be maintained during self refresh. The clock
is internally disabled during self refresh operation to reduce power consumption. The self refresh is exited by supplying stable clock
input before returning CKE high, asserting deselect or NOP command and then asserting CKE high for longer than tXSRD for locking
of DLL.
CO M M A N D
CKE
t XSN R ( m i n )
Self
Ref resh
Auto
Ref resh
NO P
t IS
CL K
CL K
NOP
NOP
NO P
NO P
NO P
t IS
Note: After self refresh exit, input an auto refresh command immediately.


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com