Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 26 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 26 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 28Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 29Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 30Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
26/48
Write with Auto Precharge
If A8 is high when write command is issued, the write with auto-precharge function is performed. Any new command to the same
bank should not be issued until the internal precharge is completed. The internal precharge begins at the rising edge of the CLK with
the tWR delay after the last data-in.
<Burst Length = 4>
01
23
4
5
6
7
8
CO M M A ND
DQ S
DQ ' s
Bank A
ACT I V E
NO P
NO P
NO P
NO P
NO P
NO P
NO P
DIN 0
Write A
Auto Precharge
*Bank can be reactivated
at completion of tRP
t WR
t RP
Inter nal pr ec har g e s t ar t
CL K
CL K
DIN 1
DIN 2 DIN 3
At burst read / write with auto precharge, CAS interrupt of the same bank is illegal.
For the same bank
For the different bank
Asserted
Command
4
5
6
7
8
4
5
6
7
8
WRITE
WRITE
WRITE
Illegal
Illegal
Illegal
Legal
Legal
Legal
Legal
Legal
WRITE with AP
*1
WRITE
with AP
WRITE
with AP
Illegal
Illegal
Illegal
Legal
Legal
Legal
Legal
Legal
READ
Illegal
READ +
DM
*2
READ+
DM
READ
Illegal
Illegal
Illegal
Illegal
Legal
Legal
READ with AP
Illegal
READ
with AP+
DM
READ
with AP+
DM
READ
with AP
Illegal
Illegal
Illegal
Illegal
Legal
Legal
Active
Illegal
Illegal
Illegal
Illegal
Illegal
Legal
Legal
Legal
Legal
Legal
Precharge
Illegal
Illegal
Illegal
Illegal
Illegal
Legal
Legal
Legal
Legal
Legal
Note: 1. AP = Auto Precharge
2. DM: Refer to “Write Interrupted by a Read & DM“


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com