Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 23 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 23 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 27Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
23/48
Write Interrupted by a Precharge & DM
A burst write operation can be interrupted before completion of the burst by a precharge of the same bank. Random column access
is allowed. A write recovery time (tWR) is required from the last data to precharge command. When precharge command is asserted,
any residual data from the burst write cycle must be masked by DM.
<Burst Length = 8>
01
23
4
5
6
7
8
CO M M A N D
DQ S
DQ ' s
DQ S
DQ ' s
NO P
NO P
NOP
NO P
NOP
DINA0
WRITE A
DM
CL K
CLK
DM
Precharge A
Hi - Z
Hi - Z
t WP R E S *5
t WR
Hi - Z
Hi - Z
t WR
NOP
W RITE B
t WP R E S *5
t D Q SS(m a x )
t DQ SS ( m i n )
DINA1 DINA2 DINA3 DINA4 DINA5 DINA6 DINA7
DINB0
DINB0 DINB1
DINA0 DINA1 DINA2 DINA3 DINA4 DINA5 DINA6 DINA7
Precharge timing for Write operations in DRAMs requires enough time to allow “write recovery” which is the time required by a DRAM
core to properly store a full “0” or “1” level before a Precharge operation. For DDR SDRAM, a timing parameter, tWR, is used to indicate
the required of time between the last valid write operation and a Precharge command to the same bank.
tWR starts on the rising clock edge after the last possible DQS edge that strobed in the last valid and ends on the rising clock edge that
strobes in the precharge command.
1. For the earliest possible Precharge command following a Write burst without interrupting the burst, the minimum time for write
recovery is defined by tWR.
2. When a precharge command interrupts a Write burst operation, the data mask pin, DM, is used to mask input data during the time
between the last valid write data and the rising clock edge in which the Precharge command is given. During this time, the DQS input
is still required to strobe in the state of DM. The minimum time for write recovery is defined by tWR.
3. For a Write with auto precharge command, a new Bank Activate command may be issued to the same bank after tWR + tRP where tWR
+ tRP starts on the falling DQS edge that strobed in the last valid data and ends on the rising clock edge that strobes in the Bank
Activate commands. During write with auto precharge, the initiation of the internal precharge occurs at the same time as the earliest
possible external Precharge command without interrupting the Write burst as described in 1 above.
4. In all cases, a Precharge operation cannot be initiated unless tRAS(min) [minimum Bank Activate to Precharge time] has been satisfied.
This includes Write with auto precharge commands where tRAS(min) must still be satisfied such that a Write with auto precharge
command has the same timing as a Write command followed by the earliest possible Precharge command which does not interrupt
the burst.
5. Refer to “Burst write operation”


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com