Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 19 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 19 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
19/48
Read Interrupted by a Read
A Burst Read can be interrupted before completion of the burst by new Read command of any bank. When the previous burst is
interrupted, the remaining addresses are overridden by the new address with the full burst length. The data from the first Read
command continues to appear on the outputs until the CAS latency from the interrupting Read command is satisfied. At this point
the data from the interrupting Read command appears. Read to Read interval is tCCD(min).
<Burst Length = 4,
CAS Latency = 3>
Read Interrupted by a Write & Burst Terminate
To interrupt a burst read with a write command, Burst Terminate command must be asserted to avoid data contention on the I/O bus
by placing the DQ’s (Output drivers) in a high impedance state. To insure the DQ’s are tri-stated one cycle before the beginning the
write operation, Burt stop command must be applied at least RU(CL) clocks [RU mean round up to the nearest integer] before the
Write command.
<Burst Length = 4,
CAS Latency = 3>
01
23
4
5
6
7
8
CO M M A N D
DQS
DQ' s
RE A D
NOP
NO P
NO P
NO P
NO P
DOUT 0
Bur s t
Te r m i n a t e
DIN 0
DOUT 1
DIN 1
DIN 2
DIN 3
CL K
CL K
NO P
W R I T E
The following functionality establishes how a Write command may interrupt a Read burst.
1. For Write commands interrupting a Read burst, a Burst Terminate command is required to stop the read burst and tristate the
DQ bus prior to valid input write data. Once the Burst Terminate command has been issued, the minimum delay to a Write
command = RU(CL) [CL is the CAS Latency and RU means round up to the nearest integer].
2. It is illegal for a Write and Burst Terminate command to interrupt a Read with auto precharge command.
01
2
3
4
5
67
8
C O MMA N D
DQ S
DQ ' s
RE A D A
NO P
NO P
NO P
NOP
NOP
NO P
N O P
D OUT A0
R EAD B
DOUT A1
DOUT B2 D OUT B3
D OUT B0 D OUT B 1
CL K
CL K
t CCD( m i n)
Hi - Z
Hi- Z


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com