Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 18 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 18 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
18/48
Read
This command is used after the row activate command to initiate the burst read of data. The read command is initiated by activating
CS , RAS , CAS , and deasserting WE at the same clock rising edge as described in the command truth table. The length of the
burst and the CAS latency time will be determined by the values programmed during the MRS command.
Write
This command is used after the row activate command to initiate the burst write of data. The write command is initiated by activating
CS , RAS , CAS , and WE at the same clock rising edge as describe in the command truth table. The length of the burst will be
determined by the values programmed during the MRS command.
Burst Read Operation
Burst Read operation in DDR SDRAM is in the same manner as the current SDRAM such that the Burst read command is issued by
asserting CS and CAS low while holding RAS and WE high at the rising edge of the clock (CLK) after tRCDRD from the bank
activation. The address inputs determine the starting address for the Burst. The Mode Register sets type of burst (Sequential or
interleave) and burst length (2, 4, 8). The first output data is available after the CAS Latency from the READ command, and the
consecutive data are presented on the falling and rising edge of Data Strobe (DQS) adopted by DDR SDRAM until the burst length
is completed.
<Burst Length = 4, CAS Latency = 3>
Burst Write Operation
The Burst Write command is issued by having CS , CAS and WE low while holding RAS high at the rising edge of the clock
(CLK). The address inputs determine the starting column address. There is no write latency relative to DQS required for burst write
cycle. The first data of a burst write cycle must be applied on the DQ pins tDS prior to data strobe edge enabled after tDQSS from the
rising edge of the clock (CLK) that the write command is issued. The remaining data inputs must be supplied on each subsequent
falling and rising edge of Data Strobe until the burst length is completed. When the burst has been finished, any additional data
supplied to the DQ pins will be ignored.
<Burst Length = 4>
Note * 1: The specific requirement is that DQS be valid (High or Low) on or before this CLK edge. The case shown (DQS going from
High-Z to logic Low) applies when no writes were previously in progress on the bus. If a previous write was in progress, DQS
could be High at this time, depending on tDQSS.
0
1
23
4
5
67
8
COM M A N D
R EAD A
NOP
NO P
NO P
NO P
NOP
NO P
NO P
NO P
CL K
CL K
CA S L a t e n c y = 3
DQS
DQ ' s
D OU T 0 D OU T 1 D OU T 2 D OU T 3
tRP RE
t RP S T
01
23
4
5
6
7
8
C O MMA N D
NOP
WR IT E A
NO P
NOP
NO P
NO P
NO P
NO P
CL K
CL K
DQS
DQ' s
D IN 0
WR IT E B
D IN1
DIN2
D IN3
tDQ S S m ax
tWP RE S *1
*1
*1
D IN 0
D IN1
DIN 2
D IN3


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com