Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 17 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 17 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13L32321A-2G Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
17/48
Precharge
The precharge command is used to precharge or close a bank that has activated. The precharge command is issued when CS ,
RAS and WE are low and CAS is high at the rising edge of the clock. The precharge command can be used to precharge each
bank respectively or all banks simultaneously. The bank select address (BA) is used to define which bank is precharged when the
command is initiated. For write cycle, tWR(min) must be satisfied until the precharge command can be issued. After tRP from the
precharge, an active command to the same bank can be initiated.
Burst Selection for Precharge by bank address bits
A8/AP
BA
Precharge
0
0
Bank A Only
0
1
Bank B Only
1
X
All Banks
No Operation & Device Deselect
The device should be deselected by deactivating the CS signal. In this mode DDR SDRAM should ignore all the control inputs.
The DDR SDRAMs are put in NOP mode when CS is active and by deactivating RAS , CAS and WE . For both Deselect and
NOP the device should finish the current operation when this command is issued.
Bank / Row Active
The Bank Activation command is issued by holding CAS and WE high with CS and RAS low at the rising edge of the clock
(CLK). The DDR SDRAM has two independent banks, so Bank Select address (BA) is required. The Bank Activation command must
be applied before any Read or Write operation is executed. The Bank Activation command to the first Read or Write command must
meet or exceed the minimum of RAS to CAS delay time (tRCDRD or tRCDWR min). Once a bank has been activated, it must be
precharged before another Bank Activation command can be applied to the same bank. The minimum time interval between
interleaved Bank Activation command (Bank A to Bank B and vice versa) is the Bank to Bank delay time (tRRD min).
Bank Activation Command Cycle ( CAS Latency = 3)
Add r es s
01
2
3
Co m m a n d
Ba n k A
Ro w A ddr .
Ba n k A
Row. A d d r .
Ba nk B
Ro w A d d r .
Ba nk A
A c ti v a te
NO P
Ba n k B
Act i v a t e
NO P
Ba n k A
Ac t i v a t e
RA S - C A S d e l a y (
t RC DW R )
RA S - RA S d e l a y (
t RRD )
RO W C y c l e T i m e (
t RC )
:D o n ' t C a r e
CL K
CL K
NO P
Tn
Tn+1
Tn+2
Ban k A
Col . Ad dr .
Wr i t e A
wi th A P


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com