Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13L32321A-2G Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M13L32321A-2G
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13L32321A-2G Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M13L32321A-2G Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13L32321A-2G Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ESMT
M13L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Oct. 2012
Revision : 1.0
1/48
DDR SDRAM
512K x 32 Bit x 2 Banks
Double Data Rate SDRAM
Features
Double-data-rate architecture, two data transfers per clock cycle
Bi-directional data strobe (DQS)
Differential clock inputs (CLK and CLK )
DLL aligns DQ and DQS transition with CLK transition
Two bank operation
CAS Latency : 2, 2.5, 3
Burst Type : Sequential and Interleave
Burst Length : 2, 4, 8
All inputs except data & DM are sampled at the rising edge of the system clock(CLK)
Data I/O transitions on both edges of data strobe (DQS)
DQS is edge-aligned with data for READs; center-aligned with data for WRITEs
Data mask (DM) for write masking only
VDD = 3.3V ± 0.3V, VDDQ = 3.3V ± 0.3V
Auto & Self refresh
15.6us refresh interval
Ordering Information
Product ID
Max Freq.
Package
Comments
M13L32321A -5BG2G
200MHz (DDR400)
M13L32321A -6BG2G
166MHz (DDR333)
M13L32321A -7.5BG2G
133MHz (DDR266)
144 ball FBGA
Pb-free


Similar Part No. - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com