Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31489_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved.
AV02-2587EN - November 11, 2013
Reel Dimension – 13” Reel
Ø
20.2
M IN
2.0 ± 0.5
Ø
13.0 +0.5
-0.2
102.0
REF
330.0
REF
8.4
(MEASURED AT HUB)
(MEASURED AT HUB)
"A"
ATTENTION
Electrostatic Sensitive Devices
Safe Handling Required
MINNEAPOLIS USA
U.S PAT 4726534
R
LOKREEL R
11.1 MAX.
Detail "A"
Detail "B"
PS
6
6
PS
1.5
88 REF
96.5
+0.3
- 0.2
Dimensions in mm


Similar Part No. - MGA-31489_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489-BLKG AVAGO-MGA-31489-BLKG Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31489-TR1G AVAGO-MGA-31489-TR1G Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489_15

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
0.25W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
0.25W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com