Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31489_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31489_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Application Circuit Description and Layout
Bill of Materials
Circuit
Symbol
Size
Description
For 1.9 GHz (1)
For 2.5 GHz (2)
Value
Manufacturer
Value
Manufacturer
C2
0402
0.1
mF
Murata
0.1
mF
Murata
C3
0603
2.2
mF
Murata
2.2
mF
Murata
C7
0402
10 pF
Murata
2.4 pF
Murata
C8
0402
2.4 pF
Murata
3.3 pF
Murata
L1
0402
2.2 nH
Murata
1.5 nH
Murata
C9
0402
NR
3.9 nH
Murata
Note: NR – not required in actual PCB design
Figure 25. Circuit diagram
Figure 26. Demoboard
Figure 27. Input and output tuned Gamma location for 1900MHz (1) and 2500MHz (2)
For best performance, MGA-31489 is an input and output prematched driver amplifier. To bias MGA-31489, a +5V supply
(Vdd) is connected to the output pin through a RF choke, L1 (which isolates the inband signal from the DC supply).
The bypass capacitor helps to eliminate out of low band frequency signals from the power supply, C2 and C3. Blocking
capacitors are required for its input (C7) and output (C8), to isolate the supply voltage from preceeding and succeeding
circuits. C7 and L3 also play a part in input tuning to improve input return loss while L1 and C8 help in tuning output. The
recommended output tuning is for achieving best OIP3, while meeting typical specifications for other parameters.
DCin
14X
RFin
RFout
Input Matching Circuit
1.
Γ_mag = 0.117, G_ang = -137.3°
2.
Γ_mag = 0.081, G_ang = -33.3°
Output Matching Circuit
1.
Γ_mag = 0.291, G_ang = 58.0°
2.
Γ_mag = 0.325, G_ang = 100.9°
C11
C10
AVAGO
TECHNOLOGIES
IN
Jul 2009
REV 3.2
SOT-89
L3
C9
C7
OUT
C1
L1
L2
L4
C4
C6
C5
C8
C12
C3
C2
CTxx
14X
L1
RFout
C8
C7
RFin
Vdd
C3
C2
C9*
*Component indicated as C9 is to match with demoboard marking.


Similar Part No. - MGA-31489_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489-BLKG AVAGO-MGA-31489-BLKG Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31489-TR1G AVAGO-MGA-31489-TR1G Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489 Datasheet
509Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com