Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN6323-AHRG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN6323-AHRG
Description  Marktech 2.30 8x8 Bi−Color Dot Matrix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN6323-AHRG Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN6323-AHRG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
468
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
2.3" 8x8 Bi-Color Dot Ma
2.3" 8x8 Bi-Color Dot Ma
2.3" 8x8 Bi-Color Dot Ma
2.3" 8x8 Bi-Color Dot Ma
2.3" 8x8 Bi-Color Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
· 2.3" 8x8 dot matrix display
· Grey surface/white epoxy color
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PINOUT 1
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1. ANODE COLUMN 1 (G)
1. CATHODE COLUMN 1 (G)
2. ANODE COLUMN 1 (HR)
2. CATHODE COLUMN 1 (HR)
3. ANODE COLUMN 3 (G)
3. CATHODE COLUMN 3 (G)
4. ANODE COLUMN 3 (HR)
4. CATHODE COLUMN 3 (HR)
5. ANODE COLUMN 4 (G)
5. CATHODE COLUMN 4 (G)
6. ANODE COLUMN 4 (HR)
6. CATHODE COLUMN 4 (HR)
7. ANODE COLUMN 2 (G)
7. CATHODE COLUMN 2 (G)
8. ANODE COLUMN 2 (HR)
8. CATHODE COLUMN 2 (HR)
9. CATHODE ROW 5
9. ANODE ROW 5
10. CATHODE ROW 6
10. ANODE ROW 6
11. CATHODE ROW 7
11. ANODE ROW 7
12. CATHODE ROW 8
12. ANODE ROW 8
13. ANODE COLUMN 8 (HR)
13. CATHODE COLUMN 8 (HR)
14. ANODE COLUMN 8 (G)
14. CATHODE COLUMN 8 (G)
15. ANODE COLUMN 6 (HR)
15. CATHODE COLUMN 6 (HR)
16. ANODE COLUMN 6 (G)
16. CATHODE COLUMN 6 (G)
17. ANODE COLUMN 5 (HR)
17. CATHODE COLUMN 5 (HR)
18. ANODE COLUMN 5 (G)
18. CATHODE COLUMN 5 (G)
19. ANODE COLUMN 7 (HR)
19. CATHODE COLUMN 7 (HR)
20. ANODE COLUMN 7 (G)
20. CATHODE COLUMN 7 (G)
21. CATHODE ROW 4
21. ANODE ROW 4
22. CATHODE ROW 3
22. ANODE ROW 3
23. CATHODE ROW 2
23. ANODE ROW 2
24. CATHODE ROW 1
24. ANODE ROW 1
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
EMITTED
COLOR
PEAK
WAVE
LENGTH
(nm)
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
seg.
@mA
MTAN6323-AHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
5900
10
1
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
5100
10
1
MTAN6423-CHRG
(HR)
Hi-Eff Red
635
30
5
85
2.1
3.0
20
100
5
5900
10
2
(G)
Green
567
30
5
85
2.1
3.0
20
100
5
5100
10
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTAN6323-AHRG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN6320-GO MARKTECH-MTAN6320-GO Datasheet
50Kb / 1P
Marktech 2.00 5x7 Bi−Color 20−Pin Dot Matrix
More results

Similar Description - MTAN6323-AHRG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
Marktech 2.30 8x8 Dot Matrix
MTAN6313-AHRG MARKTECH-MTAN6313-AHRG Datasheet
57Kb / 1P
Marktech 1.20 8x8 Bi−Color Dot Matrix
MTAN6314A-AHRG MARKTECH-MTAN6314A-AHRG Datasheet
51Kb / 1P
Marktech 1.40 5x8 Bi−Color Dot Matrix
MTAN6319-AHRG MARKTECH-MTAN6319-AHRG Datasheet
73Kb / 1P
Marktech 1.90 8x8 Bi−Color Dot Matrix
MTAN6340-AHRG MARKTECH-MTAN6340-AHRG Datasheet
53Kb / 1P
Marktech 4.00 5x7 Bi−Color Dot Matrix
MTAN6346-AHRG MARKTECH-MTAN6346-AHRG Datasheet
49Kb / 1P
Marktech 5.00 5x8 Bi−Color Dot Matrix
MTAN6370-AHRG MARKTECH-MTAN6370-AHRG Datasheet
40Kb / 1P
Marktech 0.68 5x7 Bi−Color Dot Matrix
MTAN6415-CGHR MARKTECH-MTAN6415-CGHR Datasheet
52Kb / 1P
Marktech 1.50 8x8 Bi−Color Dot Matrix
MTAN6524-AHRG MARKTECH-MTAN6524-AHRG Datasheet
57Kb / 1P
Marktech 2.30 5x8 Bi−Color Dot Matrix
MTAN6385-AHRG MARKTECH-MTAN6385-AHRG Datasheet
49Kb / 1P
Marktech 0.85 8x8 Bi−Color Dot Matrix
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com