Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTAN2140-12A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTAN2140-12A
Description  Marktech 4.00 5x7 Dot Matrix
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTAN2140-12A Datasheet(HTML) 1 Page - Marktech Corporate

  MTAN2140-12A Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
455
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
4.0" 5x7 Dot Ma
4.0" 5x7 Dot Ma
4.0" 5x7 Dot Ma
4.0" 5x7 Dot Ma
4.0" 5x7 Dot Matrix Displa
trix Displa
trix Displa
trix Displa
trix Displayyyyy
· 4.0" 5x7 dot matrix
· Additional colors/materials available
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
1. ALL DIMENSIONS ARE IN mm, TOLERANCE IS ±0.25mm UNLESS OTHERWISE SPECIFIED.
2. THE SLOPE ANGLE OF ANY PIN MAY BE ±5.0° MAX.
PINOUT 1
PINOUT 2
COLUMN ANODE
COLUMN CATHODE
PIN NO. FUNCTION
PIN NO.
FUNCTION
1.
CATHODE ROW 5
1.
ANODE ROW 5
2.
CATHODE ROW 7
2.
ANODE ROW 7
3.
ANODE COLUMN 2
3.
CATHODE COLUMN 2
4.
ANODE COLUMN 3
4.
CATHODE COLUMN 3
5.
CATHODE ROW 4
5.
ANODE ROW 4
6.
ANODE COLUMN 5
6.
CATHODE COLUMN 5
7.
CATHODE ROW 6
7.
ANODE ROW 6
8.
CATHODE ROW 3
8.
ANODE ROW 3
9.
CATHODE ROW 1
9.
ANODE ROW 1
10.
ANODE COLUMN 4
10.
CATHODE COLUMN 4
11.
ANODE COLUMN 3
11.
CATHODE COLUMN 3
12.
CATHODE ROW 4
12.
ANODE ROW 4
13.
ANODE COLUMN 1
13.
CATHODE COLUMN 1
14.
CATHODE ROW 2
14.
ANODE ROW 2
P
PP
P
PA
A
A
A
ACKA
CKA
CKA
CKA
CKAGE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS
GE DIMENSIONS AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
AND PIN FUNCTIONS
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
FACE COLORS
MAXIMUM RATINGS
OPTO-ELECTRICAL CHARACTERISTICS
PIN-
OUT
SURFACE
COLOR
EPOXY
COLOR
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IR(µA)
IV(µcd)
typ.
max.
@mA
max.
@VR
typ. per
dot
@mA
MTAN2140-12A
567
Green
Grey
White
30
5
85
4.2
6.0
20
100
5
6800
10
1
MTAN4140-12A
635
Orange
Grey
White
30
5
85
4.2
6.0
20
100
5
7800
10
1
MTAN4140R-12A
635
Hi-Eff Red
Red
Red
30
5
85
4.2
6.0
20
100
5
7800
10
1
MTAN7140M-12A
660
Ultra Red
Black
White
30
4
70
3.4
4.4
20
100
4
41100
20
1
MTAN2140-22C
567
Green
Grey
White
30
5
85
4.2
6.0
20
100
5
6800
10
2
MTAN4140-22C
635
Orange
Grey
White
30
5
85
4.2
6.0
20
100
5
7800
10
2
MTAN4140R-22C
635
Hi-Eff Red
Red
Red
30
5
85
4.2
6.0
20
100
5
7800
10
2
MTAN7140M-22C
660
Ultra Red
Black
White
30
4
70
3.4
4.4
20
100
4
41100
20
2
Operating Temperature: -25~+85, Storage Temperature: -25~+100. Other face/epoxy colors are available.


Similar Part No. - MTAN2140-12A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
50Kb / 1P
DOT MATRIX DISPLAY
More results

Similar Description - MTAN2140-12A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2111-11A MARKTECH-MTAN2111-11A Datasheet
44Kb / 1P
Marktech 1.20 5x7 Dot Matrix
MTAN2120-AG MARKTECH-MTAN2120-AG Datasheet
45Kb / 1P
Marktech 2.00 5x7 Dot Matrix
MTAN2135-AG MARKTECH-MTAN2135-AG Datasheet
44Kb / 1P
Marktech 0.30 5x7 Dot Matrix
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
42Kb / 1P
Marktech 0.68 5x7 Dot Matrix
MTAN6311-AHRG MARKTECH-MTAN6311-AHRG Datasheet
51Kb / 1P
Marktech 1.20 5x7 Bi−Color Dot Matrix
MTAN6340-AHRG MARKTECH-MTAN6340-AHRG Datasheet
53Kb / 1P
Marktech 4.00 5x7 Bi−Color Dot Matrix
MTAN6370-AHRG MARKTECH-MTAN6370-AHRG Datasheet
40Kb / 1P
Marktech 0.68 5x7 Bi−Color Dot Matrix
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
4.00 inch 5x7 Dot Matrix LED Display
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
5x7 Dot Matrix
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com