Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1121S-TD-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SB1121S-TD-E
Description  Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1121S-TD-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SB1121S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1121
No. 1787-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm
2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=-20V, IE=0A
-0.1
μA
Emitter Cutoff Current
IEBO
VEB=-4V, IC=0A
-0.1
μA
DC Current Gain
hFE1
VCE=-2V, IC=-100mA
140*
400*
hFE2
VCE=-2V, IC=-1.5A
65
Gain-Bandwidth Product
fT
VCE=-10V, IC=-50mA
150
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz
32
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=-1.5A, IB=-75mA
-0.35
-0.6
V
Base to Emitter Saturation Voltage
VBE(sat)
IC=-1.5A, IB=-75mA
-0.85
-1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=-10μA, IE=0A
-30
V
Collector to Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, RBE=∞
-25
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=-10μA, IC=0A
-6
V
Turn-ON Time
ton
See specified Test Circuit
60
ns
Storage Time
tstg
350
ns
Fall Time
tf
25
ns
*: The 2SB1121 is classified by 100mA hFE as follows:
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
Memo
2SB1121S-TD-E
2SB1121T-TD-E
PCP
1,000pcs./reel
Pb-Free
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 2SB1121S-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1121S-TD-E SANYO-2SB1121S-TD-E Datasheet
93Kb / 4P
High-Current Driver Applications
More results

Similar Description - 2SB1121S-TD-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com