Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1121S-TD-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SB1121S-TD-E
Description  Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1121S-TD-E Datasheet(HTML) 1 Page - ON Semiconductor

  2SB1121S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SB1121S-TD-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
13114 TK/IM TC-00003091 /31010EA TK IM /O1003TN (KOTO)/92093HA (KT)/4107KI/3045MW,TS No. 1787-1/4
Semiconductor Components Industries, LLC, 2014
January, 2014
http://onsemi.com
2SB1121
Applications
• Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
• Adoption of FBET, MBIT processes
• Low collector to emitter saturation voltage
• Large current capacity and wide SOA
• Fast switching speed
• Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-25
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-2
A
Collector Current (Pulse)
ICP
-5
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Bipolar Transistor
-25V, -2A, Low VCE(sat) PNP Single PCP
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
Ordering number : EN1787C
2
3
1
TD
1:Base
2:Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SB1121S-TD-E
2SB1121T-TD-E


Similar Part No. - 2SB1121S-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1121S-TD-E SANYO-2SB1121S-TD-E Datasheet
93Kb / 4P
   High-Current Driver Applications
More results

Similar Description - 2SB1121S-TD-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2202 ONSEMI-2SA2202 Datasheet
87Kb / 4P
   Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com