Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4009 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCH4009
Description  RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4009 Datasheet(HTML) 4 Page - ON Semiconductor

  MCH4009 Datasheet HTML 1Page - ON Semiconductor MCH4009 Datasheet HTML 2Page - ON Semiconductor MCH4009 Datasheet HTML 3Page - ON Semiconductor MCH4009 Datasheet HTML 4Page - ON Semiconductor MCH4009 Datasheet HTML 5Page - ON Semiconductor MCH4009 Datasheet HTML 6Page - ON Semiconductor MCH4009 Datasheet HTML 7Page - ON Semiconductor MCH4009 Datasheet HTML 8Page - ON Semiconductor MCH4009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MCH4009
No. A0389-4/15
Lwe
Lwb
Cec1
Ccb
Cec2
Cbe1
Cbe2
Lle
Llb
Llc
Lwc
IT11114
SPICE Parameters
model: Gummel-Poon
Parameter
Value
Unit
Parameter
Value
Unit
IS
38.78a
A
XTF
11.00f
BF
107.6
VTF
81.1
V
NF
1.002
ITF
1.55
A
VAF
34.79
V
PTF
32
°C
IKF
199.6m
A
CJC
214.0f
F
ISE
138.1f
A
VJC
111.7m
V
NE
2.5
MJC
118.0m
BR
1.5
XCJC
833.8m
NR
1.05
TR
50.00p
S
VAR
200
V
FC
8.105m
IKR
20.00μ
A
CJS
123.2f
F
ISC
0
A
VJS
140.0f
V
NC
2
MJS
150
RB
8.5
Ω
Lwb
415p
H
IRB
143.2m
A
Llb
210p
H
RBM
1.584
Ω
Lwe
243.6p
H
RE
1.022
Ω
Lle
12.8p
H
RC
3.675
Ω
Lwc
330p
H
XTB
0
Llc
651.5p
H
EG
1.11
eV
Ccb
26.7f
F
XTI
3
Cec1
185.4f
F
CJE
250.0f
F
Cec2
40f
F
VJE
23.00m
V
Cbe1
65f
F
MJE
21.60m
Cbe2
25.2f
F
TF
5.398p
S
Schematic
*Information (including circuit diagrams and circuit parameters) herein is for example only ;
it is not guaranteed for volume production.


Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Central Semiconductor C...
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com