Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4009 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH4009
Description  RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4009 Datasheet(HTML) 2 Page - ON Semiconductor

  MCH4009 Datasheet HTML 1Page - ON Semiconductor MCH4009 Datasheet HTML 2Page - ON Semiconductor MCH4009 Datasheet HTML 3Page - ON Semiconductor MCH4009 Datasheet HTML 4Page - ON Semiconductor MCH4009 Datasheet HTML 5Page - ON Semiconductor MCH4009 Datasheet HTML 6Page - ON Semiconductor MCH4009 Datasheet HTML 7Page - ON Semiconductor MCH4009 Datasheet HTML 8Page - ON Semiconductor MCH4009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MCH4009
No. A0389-2/15
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
1.0
μA
DC Current Gain
hFE
VCE=1V, IC=5mA
50
120
Gain-Bandwidth Product
fT
VCE=3V, IC=20mA
20
25
GHz
Reverse Transfer Capacitance
Cre
VCB=1V, f=1MHz
0.15
pF
Forward Transfer Gain
|S21e|
21VCE=1V, IC=5mA, f=2GHz
9
13.5
dB
|S21e|
22VCE=3V, IC=20mA, f=2GHz
17
dB
Noise Figure
NF
VCE=1V, IC=5mA, f=2GHz
1.1
1.5
dB
1dB Compression Point
PO(1dB)
VCE=3V, IC=20mA, f=2GHz
13.5
dBm
3rd Order Intercept Point
OIP3
VCE=3V, IC=20mA, f=2GHz
23
dBm
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high-frequency process adopted.
Ordering Information
Device
Package
Shipping
memo
MCH4009-TL-H
MCPH4
3,000pcs./reel
Pb Free and Halogen Free
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
IT11105
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
1.1
IT11106
IT11107
0.1
23
5
7
1.0
23
5
7
10
0.1
5
2
3
7
5
3
IT11108
03
4
2
1
0
5
10
15
20
25
35
30
2
3
2
3
5
7
100
3
25
7
3
25
7
3
25
7
0.1
1.0
10
100
f=1MHz
IB=0μA
30
μA
60
μA
90μA
120μA
150μA
180μA
210μA
240μA
270μA
300μA
VCE=3V
1V


Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
72Kb / 13P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
More results

Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
Central Semiconductor C...
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
   NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com