Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMJ-410-D14-G Datasheet(PDF) 2 Page - RF Micro Devices

Part # UMJ-410-D14-G
Description  VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMJ-410-D14-G Datasheet(HTML) 2 Page - RF Micro Devices

  UMJ-410-D14-G Datasheet HTML 1Page - RF Micro Devices UMJ-410-D14-G Datasheet HTML 2Page - RF Micro Devices UMJ-410-D14-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
UMJ-410-D14-G
DS120229
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature[1]
-40 to +85
°C
Storage Temperature
-55 to +125
°C
[1] Frequency drift: 0.5MHz typical (either extreme)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
105
120
MHz
Tuning Voltage
0.5
4.5
VDC
Tuning Sensitivity
8
MHz/V
Output Power
579
dBm
5dBm
At VT=0
Output Phase Noise
-97
-90
dBc/Hz
1kHz
-125
-120
dBc/Hz
10kHz
-145
-140
dBc/Hz
100kHz
-164
-155
dBc/Hz
1000kHz
Second Harmonic
-20
-15
dBc
Frequency Pulling
0.2
1
MHz p-p
At 12dBr, all phases
Tuning Port Capacitance
330
pF
Modulation Bandwidth
100
kHz
3dB BW
Frequency Pushing
0.1
0.3
MHz/V
Power Supply
Operating Voltage
5
V
Supply Current
15
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.


Similar Part No. - UMJ-410-D14-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMJ-498-D14-G RFMD-UMJ-498-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
More results

Similar Description - UMJ-410-D14-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMJ-950-D14-G RFMD-UMJ-950-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-498-D14-G RFMD-UMJ-498-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-968-D14-G RFMD-UMJ-968-D14-G Datasheet
259Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-1109-D14-G RFMD-UMJ-1109-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-969-D14-G RFMD-UMJ-969-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-858-D14-G RFMD-UMJ-858-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-865-D14-G RFMD-UMJ-865-D14-G Datasheet
259Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-123-D14-G RFMD-UMJ-123-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-910-D14-G RFMD-UMJ-910-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
UMJ-967-D14-G RFMD-UMJ-967-D14-G Datasheet
258Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR FOR IF CONVERSION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com