Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 28Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 29Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 30Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 31Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 32Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 33Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 34Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 35Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
32
MACH 5 Family
144-PIN TQFP CONNECTION DIAGRAM
Top View
144-Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
TDI
I/O0
I/O1
I/O2
I/O3
I/O4
GND
I/O5
I/O6
I/O7
I/O8
GND
I/O9
I/O10
I/O11
I/O12
I0/CLK0
VCC
GND
I1/CLK1
I/O13
I/O14
I/O15
I/O16
GND
I/O17
I/O18
I/O19
I/O20
GND
I/O21
I/O22
I/O23
I/O24
I/O25
TCK
0A8
0A9
0A10
0A11
0A12
0B13
0B12
0B11
0B8
0B5
0B4
0B3
0B2
1B2
1B3
1B4
1B5
1B8
1B11
1B12
1B13
1A12
1A11
1A10
1A9
1A8
0A14
0B13
0B12
0B11
0B10
0B8
0B7
0B6
0B5
0B4
0B3
0B2
0B1
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1B8
1B10
1B11
1B12
1B13
1A14
M5LV-128
M5LV-256
M5LV-256
M5LV-256
M5LV-256
M5LV-128
M5LV-128
M5LV-128
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
TDO
I/O77
I/O76
I/O75
I/O74
I/O73
GND
I/O72
I/O71
I/O70
I/O69
GND
I/O68
I/O67
I/O66
I/O65
I3/CLK3
GND
VCC
I2/CLK2
I/O64
I/O63
I/O62
I/O61
GND
I/O60
I/O59
I/O58
I/O57
GND
I/O56
I/O55
I/O54
I/O53
I/O52
TMS
3A8
3A9
3A10
3A11
3A12
3B13
3B12
3B11
3B8
3B5
3B4
3B3
3B2
2B2
2B3
2B4
2B5
2B8
2B11
2B12
2B13
2A12
2A11
2A10
2A9
2A8
0D14
0C13
0C12
0C11
0C10
0C8
0C7
0C6
0C5
0C4
0C3
0C2
0C1
1C1
1C2
1C3
1C4
1C5
1C6
1C7
1C8
1C10
1C11
1C12
1C13
1D14
20446G-020
3D
15
CLK
= Clock
GND = Ground
I
= Input
I/O
= Input/Output
NC
= No Connect
VCC
= Supply Voltage
TDI
= Test Data In
TCK
= Test Clock
TMS
= Test Mode Select
TDO = Test Data Out
Pin Designations
Macrocell (0-15)
PAL Block (A-D)
Segment (0-3)


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Omron Electronics LLC
M5-MHWS OMRON-M5-MHWS Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com