Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 3 Page - Lattice Semiconductor

  M5-512/192-10VI Datasheet HTML 1Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 2Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 3Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 4Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 5Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
MACH 5 Family
3
Note:
1. C = Commercial grade, I = Industrial grade
2. /1 version recommended for new designs
3. Preliminary specificatons
With Lattice’s unique hierarchical architecture, the MACH 5 family provides densities up to 512
macrocells to support full system logic integration. Extensive routing resources ensure pinout
retention as well as high utilization. It is ideal for PAL® block device integration and a wide range
of other applications including high-speed computing, low-power applications, communications,
and embedded control. At each macrocell density point, Lattice offers several I/O and package
options to meet a wide range of design needs (Table 3).
Note:
1. The I/O options indicated with a “*” are obsolete, please contact factory for more information.
Table 2. MACH 5 Speed Grades
Device
Speed Grade1
-5
-6
-7
-10
-12
-15
-20
M5-1282
C
C, I
C, I
C, I
I
M5-128/1
C
C, I
C, I
C, I
C, I
I
M5LV-128
C
C,I
C, I
C, I
I
M5-192/1
C
C, I
C, I
C, I
C, I
I
M5-2562
C
C, I
C, I
C, I
I
M5-256/1
C
C, I
C, I
C, I
C, I
I
M5LV-256
C
C, I
C, I
C, I
I
M5-320
C
C, I
C, I
C, I
C, I
I
M5LV-320
C
C, I
C, I
C, I
C, I
I
M5-384
C3
C, I3
C, I
C, I
C, I
I
M5LV-384
C3
C, I3
C, I
C, I
C, I
I
M5-512
C3
C, I3
C, I
C, I
C, I
I
M5LV-512
C3
C, I3
C, I
C, I
C, I
I
Table 3. MACH 5 Package and I/O Options 1
M5-128/1
M5LV-128
M5-192/1
M5-256/1
M5LV-256
M5-320
M5LV-320
M5-384
M5LV-384
M5-512
M5LV-512
Supply Voltage
5
3.3
5
5
3.3
5
3.3
5
3.3
5
3.3
100-pin TQFP
68
68, 74
68
68
68*, 74
100-pin PQFP
68
68*
68*
68*
68
144-pin TQFP
104
104
144-pin PQFP
104
104*
104*
104*
104*
160-pin PQFP
120
120
120
120
120
120*
120
120*
120
120*
120
208-pin PQFP
160
160
160
160
160
160
160
160
240-pin PQFP
184*
184*
184*
184*
184*
184*
256-ball BGA
192
192*
192*
192*
192*
192*
352-ball BGA
256
256


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
   UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com