Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 18Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 19Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 20Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 21Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 22Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 23Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 24Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 25Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
22
MACH 5 Family
ABSOLUTE MAXIMUM RATINGS
M5LV
Storage Temperature . . . . . . . . . . . . . .-65
°C to +150°C
Device Junction Temperature . . . . . . . . . . . . . +130
°C
Supply Voltage
with Respect to Ground . . . . . . . . . . . -0.5 V to +4.5 V
DC Input Voltage . . . . . . . . . . . . . . . . . -0.5 V to 5.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2000 V
Latchup Current (-40
°C to +85°C) . . . . . . . . . . 200 mA
Str esses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum Ratings for extended periods may affect device
reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . . 0
°C to +70°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +3.0 V to +3.6 V
Industrial (I) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . -40
°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +3.0 V to +3.6 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
Notes:
1. Total IOL between ground pins should not exceed 64 mA.
2. These are absolute values with respect to device ground, and all overshoots due to system and/or tester noise are included.
3. I/O pin leakage is the worst case of IIL and IOZL or IIH and IOZH.
4. Not more than one output should be shorted at one time. Duration of the short-circuit should not exceed one second.
3.3-V DC CHARACTERISITICS OVER OPERATING RANGES
Parameter
Symbol
Parameter Description
Test Description
Min
Max
Unit
VOH
Output HIGH Voltage
VCC = Min
IOH = -100 µA
VCC -0.2
V
VIN = VIH or VIL
IOH = 3.2 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min
VIN = VIH or VIL
IOL = 100 µA
0.2
V
IOL = 16 mA (Note 1)
0.5
V
VIH
Input HIGH Voltage
VOUT ≥ VOH Min or VOUT ≤ VOL Max (Note 2)
2.0
5.5
V
VIL
Input LOW Voltage
VOUT ≥ VOH Min or VOUT ≤ VOL Max (Note 2)
-0.3
0.8
V
IIH
Input HIGH Leakage Current
VIN = 3.6, VCC = Max (Note 3)
10
µA
IIL
Input LOW Leakage Current
VIN = 0, VCC = Max (Note 3)
-10
µA
IOZH
Off-State Output Leakage Current HIGH
VOUT = 3.6, VCC = Max, VIN = VIH or VIL (Note 3)
10
µA
IOZL
Off-State Output Leakage Current LOW
VOUT = 0, VCC = Max, VIN = VIH or VIL (Note 3)
-10
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 VCC = Max, VIN = VIH or VIL (Note 4)
-15
-160
mA


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Omron Electronics LLC
M5-MHWS OMRON-M5-MHWS Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com