Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 10Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 11Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 12Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 13Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 14Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
MACH 5 Family
11
SAFE FOR MIXED SUPPLY VOLTAGE SYSTEM DESIGNS 1
Both the 3.3-V and 5-V VCC MACH 5 devices are safe for mixed supply voltage system designs.
The 5-V devices will not overdrive 3.3-V devices above the output voltage of 3.3 V, while they
accept inputs from other 3.3-V devices. The 3.3-V devices will accept inputs up to 5.5 V. Both the
3.3-V and 5-V versions have the same high-speed performance and provide easy-to-use mixed-
voltage design capability.
Note:
1. Excludes original M5-128, M5-192, and M5-256 while M5-128/1, M3-192/1 and M5-256/1 are supported. Please refer to
Application Note titled “Hot Socketing and Mixed Supply Design with MACH 4 and MACH 5 Devices”.
BUS-FRIENDLY INPUTS AND I/OS
All MACH 5 devices have inputs and I/Os which feature the Bus-Friendly circuitry incorporating
two inverters in series which loop back to the input. This double inversion weakly holds the input
at its last driven logic state. While it is a good design practice to tie unused pins to a known state,
the Bus-Friendly input structure pulls pins away from the input threshold voltage where noise can
cause high-frequency switching. At power-up, the Bus-Friendly latches are reset to a logic level
“1.” For the circuit diagram, please refer to the document entitled MACH Endurance
Characteristics on the Lattice Data Book CD-ROM or Lattice web site.
POWER MANAGEMENT
There are 4 power/speed options in each MACH 5 PAL block (Table 5). The speed and power
tradeoff can be tailored for each design. The signal speed paths in the lower-power PAL blocks
will be slower than those in the higher-power PAL blocks. This feature allows speed critical paths
to run at maximum frequency while the rest of the signal paths operate in a lower-power mode.
In large designs, there may be several different speed requirements for different portions of the
design.
PROGRAMMABLE SLEW RATE
Each MACH 5 device I/O has an individually programmable output slew rate control bit. Each
output can be individually configured for the higher speed transition (3 V/ns) or for the lower
noise transition (1 V/ns). For high-speed designs with long, unterminated traces, the slow-slew rate
will introduce fewer reflections, less noise, and keep ground bounce to a minimum. For designs
with short traces or well terminated lines, the fast slew rate can be used to achieve the highest
speed. The slew rate is adjusted independent of power.
POWER-UP RESET/SET
All flip-flops power up to a known state for predictable system initialization. If a macrocell is
configured to SET on a signal from the control generator, then that macrocell will be SET during
device power-up. If a macrocell is configured to RESET on a signal from the control generator or
is not configured for set/reset, then that macrocell will RESET on power-up. To guarantee
Table 5. Power Levels
High Speed/High Power
100% Power
Medium High Speed/Medium High Power
67% Power
Medium Low Speed/Medium Low Power
40% Power
Low Speed/Low Power
20% Power


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Omron Electronics LLC
M5-MHWS OMRON-M5-MHWS Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com