Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 10Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 11Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 12Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 13Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
MACH 5 Family
MULTIPLE I/O AND DENSITY OPTIONS
The MACH 5 family offers six macrocell densities in a number of I/O options. This allows designers
to choose a device close to their logic density and I/O requirements, thus minimizing costs. For
the same package type, every density has the same pin-out. With proper design considerations, a
design can be moved to a higher or lower density part as required.
IEEE 1149.1 - COMPLIANT BOUNDARY SCAN TESTABILITY
Most MACH 5 devices have boundary scan registers and are compliant to the IEEE 1149.1 standard.
This allows functional testing of the circuit board on which the device is mounted through a serial
scan path that can access all critical logic nodes. Internal registers are linked internally, allowing
test data to be shifted in and loaded directly onto test nodes, or test node data to be captured and
shifted out for verification. In addition, these devices can be linked into a board-level serial scan
path for more complete board-level testing.
IEEE 1149.1 - COMPLIANT IN-SYSTEM PROGRAMMING
Programming devices in-system provides a number of significant benefits including: rapid
prototyping, lower inventory levels, higher quality, and the ability to make in-field modifications.
All MACH 5 devices provide in-system programming (ISP) capability through their IEEE 1149.1-
compliant Boundary Scan Test Access Port. By using the IEEE 1149.1-compliant Boundary Scan
Test Access Port as the communication interface through which ISP is achieved, customers get the
benefit of a standard, well-defined interface.
MACH 5 devices can be programmed across the commercial temperature and voltage range. The
PC-based LatticePRO software facilitates in-system programming of MACH 5 devices. LatticePRO
software takes the JEDEC file output produced by design implementation software, along with
information about the Boundary Scan chain, and creates a set of vectors that are used to drive the
Boundary Scan chain. LatticePRO software can use these vectors to drive a Boundary Scan chain
via the parallel port of a PC. Alternatively, LatticePRO software can output files in formats
understood by common automated test equipment. This equipment can then be used to program
MACH 5 devices during the testing of a circuit board.
PCI COMPLIANT
MACH 5 devices in the -5/-6/-7/-10/-12 speed grades are compliant with the PCI Local Bus
Specification version 2.1, published by the PCI Special Interest Group (SIG). The 5-V devices are
fully PCI-compliant. The 3.3-V devices are mostly compliant but do not meet the PCI condition to
clamp the inputs as they rise above VCC because of their 5-V input tolerant feature. MACH 5
devices provide the speed, drive, density, output enables and I/Os for the most complex PCI
designs.


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
   UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com