Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 3Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 4Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 5Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 10Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
MACH 5 Family
7
Clock Line 1 Options
x
Global clock (0, 1, 2, or 3) with positive edge clock enable
x
Global clock (0, 1, 2, or 3) with negative edge clock enable
x
Global clock (0, 1, 2, or 3) with positive and negative edge clock enable (biphase)
Clock Line 2 Options
x
Global clock (0, 1, 2, or 3) with clock enable
Clock Line 3 Options
x
Complement of clock line 2 (same clock enable)
x
Product-term clock (if clock line 2 does not use clock enable
The set/reset generation portion of the control generator (Figure 5) creates three set/reset lines for
the PAL block. Each macrocell can choose one of these three lines or choose no set/reset at all.
All three lines can be configured for product term set/reset and two of the three lines can be
configured as sum term set/reset and one of the lines can be configured as product-term or sum-
term latch enable. While the set/reset signals are generated in the control generator, whether that
signal sets or resets a flip-flop is determined within the individual macrocell. The same signal can
set one flip-flop and reset another. PT2 or /PT2 can also be used as a latch enable for macrocells
configured as latches.
0
1
2
3
0
1
2
3
0
1
2
3
CLKIN
Clock Enable
N (0)
N (1)
OUT
MUX 2TO1
/CLK
F0
/CLK
CLK
CLKEN1
BIPHASE
CLKEN2
OUT
CLK0
CLK1
CLK2
CLK3
CLKIN
Clock Enable
MUX 2TO1
/CLK2
PTCLK
F0
Block
Clocks
0–3
PT (0:3)
PINCLK (0:3)
PT0
PT1
PT2
PT3
MUX 4TO1
IN (0)
IN (1)
IN (2)
IN (3)
OUT
U1
F0
F1
MUX 4TO1
IN (0)
IN (1)
IN (2)
IN (3)
OUT
U2
F0
F1
MUX 4TO1
IN (0)
IN (1)
IN (2)
IN (3)
OUT
U3
F0
F1
MUX
2TO1
MUX 2TO1
F0
20446G-004
Figure 4. Clock Generator
SET2/RST2/LE
Block
Sets/Reset
0–2, LE
PT (0:2)
PT0
PT1
PT2
SET1/RST1
SET0/RST0
MUX 2TO1
OUT
F0
PT1
/PT1(ST)
MUX 2TO1
OUT
F0
PT2
/PT2
20446G-005
Figure 5. Set/Reset Generator


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com