Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 2Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 3Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 4Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 5Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
MACH 5 Family
Macrocells
The macrocells for MACH 5 devices consist of a storage element which can be configured for
combinatorial, registered or latched operation (Figure 3). The D-type flip-flops can be configured
as T-type, J-K, or S-R operation through the use of the XOR gate associated with each macrocell.
Each PAL block has the capability to provide two input registers by using macrocells 0 and 15. In
order to use this option, these macrocells must be accessed via the I/O pins associated with
macrocells 3 and 12, respectively. Once the macrocell is used as an input register, it cannot be used
for logic, so its clusters can be re-directed through the logic allocator to another macrocell. The
I/O pins associated with macrocells 0 and 15 can still be used as input pins. Although the I/O pins
for macrocells 3 and 12 are used to connect to the input registers, these macrocells can still be
used as “buried” macrocells to drive device logic via the matrix.
Control Generator
The control generator provides four configurable clock lines and three configurable set/reset lines to
each macrocell in a PAL block. Any of the four clock lines and any of the three set/reset lines can
be independently selected by any flip-flop within a block. The clock lines can be configured to
provide synchronous global (pin) clocks and asynchronous product term clocks, sum term clocks,
and latch enables (Figure 4). Three of the four global clocks, as well as two product-term clocks
and one sum-term clock, are available per PAL block. Positive or negative edge clocking is
available as well as advanced clocking features such as
complementary and biphase clocking.
Complementary clocking provides two clock lines exactly 180 degrees out of phase, and is useful
in applications such as fast data paths. A biphase clock line clocks flip-flops on both the positive
and negative edges of the clock. The configuration options for the four clock lines per PAL block
are as follows:
Clock Line 0 Options
x
Global clock (0, 1, 2, or 3) with positive or negative edge clock enable
x
Product-term clock (A*B*C)
x
Sum-term clock (A+B+C)
Logic
Allocator
5-8
Clusters/
MC
Prog. Polarity
Mode
Selection
Macrocell
D
Q
20446G-003
Figure 3. Macrocell Diagram


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
   UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGW40N65F5A INFINEON-IGW40N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com