Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 5 Page - Lattice Semiconductor

  M5-512/192-10VI Datasheet HTML 1Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 2Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 3Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 4Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 5Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
MACH 5 Family
5
Product-Term Array and Logic Allocator
The product-term array uses the same sum-of-products architecture as PAL devices and consists of
32 inputs (plus their complements) and 64 product terms arranged in 16
clusters. A cluster is a sum-
of-products function with either 3 of 4 product terms.
Logic allocators assign the clusters to macrocells. Each macrocell can accept up to eight clusters of
three or four product terms, but a given cluster can only be steered to one macrocell (Table 4). If
only three product terms in a cluster are steered, the fourth can be used as an input to an XOR
gate for separate logic generation and/or polarity control.
The
wide logic allocator is comprised of all 16 of the individual logic allocators and acts as an output
switch matrix by reassigning logic to macrocells to retain pinout as designs change. The logic
allocation scheme in the MACH 5 device allows for the implementation of large equations (up to
32 product terms) with only one pass through the logic array.
Table 4. Product Term Steering Options for PT Clusters and Macrocells
Macrocell
Available Clusters
Macrocell
Available Clusters
M0
C0, C1, C2, C3, C4
M8
C5, C6, C7, C8, C9, C10, C11, C12
M1
C0, C1, C2, C3, C4, C5
M9
C6, C7, C8, C9, C10, C11, C12, C13
M2
C0, C1, C2, C3, C4, C5, C6
M10
C7, C8, C9, C10, C11, C12, C13, C14
M3
C0, C1, C2, C3, C4, C5, C6, C7
M11
C8, C9, C10, C11, C12, C13, C14, C15
M4
C0, C1, C2, C3, C4, C5, C6, C7
M12
C8, C9, C10, C11, C12, C13, C14, C15
M5
C1, C2, C3, C4, C5, C6, C7, C8
M13
C9, C10, C11, C12, C13, C14, C15
M6
C2, C3, C4, C5, C6, C7, C8, C9
M14
C10, C11, C12, C13, C14, C15
M7
C3, C4, C5, C6, C7, C8, C9, C10
M15
C11, C12, C13, C14, C15
Interconnect Feeder
Block
Feeder
32
16
2
Control Generator
OE Generator
Product-term
Array
32
32
Input Register
Path
2
20446G-002
Figure 2. PAL Block Structure


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
   UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com