Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 44 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 44 Page - Lattice Semiconductor

Back Button M5-512/192-10VI Datasheet HTML 39Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 40Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 41Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 42Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 43Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 44Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 45Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 46Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 47Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
44
MACH 5 Family
5V M5 ORDERING INFORMATION1,2
Lattice standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
.
*Package obsolete, contact factory.
** Contact Factory for availability.
Device Marking
Actual device marking differs from the ordering part number
(OPN). All MACH devices are dual-marked with both
Commercial and Industrial grades. The Industrial grade is
slower, i.e., M5-512/256-7AC-10AI.
.
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local Lattice
sales of fice to confir m availability of specific valid
combinations and to check on newly released combinations.
FAMILY TYPE
M5-
= MACH 5 (5-V VCC)
M5-
512
/256
-7
A
C
MACROCELL DENSITY
128
= 128 Macrocells
192
= 192 Macrocells
256
= 256 Macrocells
320
= 320 Macrocells
384
= 384 Macrocells
512
= 512 Macrocells
I/Os
/68
= 68 I/Os in 100-pin PQFP or TQFP
/74
= 74 I/Os in 100-pin TQFP
/104
= 104 I/Os in 144-pin PQFP or TQFP
/120
= 120 I/Os in 160-pin PQFP
/160
= 160 I/Os in 208-pin PQFP
/192
= 192 I/Os in 256-ball BGA
/256
= 256 I/Os in 352-ball BGA
OPERATING CONDITIONS
C
= Commercial (0
°C to +70°C)
I
= Industrial (-40
°C to +85°C)
PACKAGE TYPE
Y
= Plastic Quad Flat Pack (PQFP)
V
= Thin Quad Flat Pack (TQFP)
A
= Ball Grid Array (BGA)
H
= Plastic Quad Flat Pack (PQFP)
with exposed heat sink
SPEED
-5
= 5.5 ns tPD
-6
= 6.5 ns tPD
-7
= 7.5 ns tPD
-10 = 10 ns tPD
-12 = 12 ns tPD
-15 = 15 ns tPD
-20 = 20 ns tPD
Note:
1. See below for valid device/package combinations.
2. M5-128/1, M5-192/1 and M5-256/1 recommended for new designs.
PROGRAMMING DESIGNATOR
Blank = Initial Algorithm
/1
= First Revision
Valid Combinations
M5-128/68
Commercial:
-5, -7, -10, -12, -15
Industrial:
-7, -10, -12, -15, -20
YC, VC, YI, VI
M5-128/104
YC, YI
M5-128/120
YC, YI
M5-192/68
YC*, VC, YI*, VI
M5-192/104
YC*, YI*
M5-192/120
YC, YI
M5-256/68
YC*, VC, YI*, VI
M5-256/104
YC*, YI*
M5-256/120
YC, YI
M5-256/160
YC, YI
Valid Combinations
M5-320/120
Commercial:
-6, -7, -10, -12, -15
Industrial:
-7, -10, -12, -15, -20
HC*, HI*
M5-320/160
HC, YC**, HI, YI**
M5-320/184
HC*, HI*
M5-320/192
AC, AI
M5-384/120
HC*, HI*
M5-384/160
HC, YC**, HI, YI**
M5-384/184
HC*, HI*
M5-384/192
AC*, AI*
M5-512/120
HC*, HI*
M5-512/160
HC, YC**, HI, YI**
M5-512/184
HC*, HI*
M5-512/192
AC*, AI*
M5-512/256
AC, AI


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
   Adjustable Type Coils
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
   Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
   1A SURFACE MOUNT RECTIFIER
logo
Omron Electronics LLC
M5-MHWS OMRON-M5-MHWS Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
   High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com