Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5-512/192-10VI Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # M5-512/192-10VI
Description  Fifth Generation MACH Architecture
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M5-512/192-10VI Datasheet(HTML) 4 Page - Lattice Semiconductor

  M5-512/192-10VI Datasheet HTML 1Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 2Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 3Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 4Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 5Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 6Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 7Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 8Page - Lattice Semiconductor M5-512/192-10VI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
MACH 5 Family
Advanced power management options allow designers to incrementally reduce power while
maintaining the level of performance needed for today’s complex designs. I/O safety features
allow for mixed-voltage design, and both the 3.3-V and the 5-V device versions are in-system
programmable through an IEEE 1149.1 Test Access Port (TAP) interface.
FUNCTIONAL DESCRIPTION
The MACH 5 architecture consists of PAL blocks connected by two levels of interconnect. The block
interconnect
provides routing among 4 PAL blocks. This grouping of PAL blocks joined by the
block interconnect is called a segment. The second level of interconnect, the segment
interconnect
, ties all of the segments together. The only logic difference between any two MACH
5 devices is the number of segments. Therefore, once a designer is familiar with one device,
consistent performance can be expected across the entire family. All devices have four clock pins
available which can also be used as logic inputs.
The MACH 5 PAL blocks consist of the elements listed below (Figure 2). While each PAL block
resembles an independent PAL device, it has superior control and logic generation capabilities.
x
I/O cells
x
Product-term array and Logic Allocator
x
Macrocells
x
Register control generator
x
Output enable generator
I/O Cells
The I/Os associated with each PAL block have a path directly back to that PAL block called
local
feedback. If the I/O is used in another PAL block, the interconnect feeder assigns a block interconnect
line to that signal. The interconnect feeder acts as an input switch matrix. The block and segment
interconnects provide connections between any two signals in a device. The
block feeder assigns
block interconnect lines and local feedback lines to the PAL block inputs.
4
CLK
Block:
16 MCs
Segment:
4 Blocks
Segment Interconnect
20446G-001
Figure 1. MACH 5 Block Diagram


Similar Part No. - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M5-D2 MITSUMI-M5-D2 Datasheet
160Kb / 4P
Adjustable Type Coils
M5-F1 MITSUMI-M5-F1 Datasheet
160Kb / 4P
Adjustable Type Coils
logo
Trifast plc
M5-FNST-Z100 TRFASTENINGS-M5-FNST-Z100 Datasheet
43Kb / 1P
UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN MM (MILLIMETERS). SURFACE FINISH: TOLERANCES: DIN 6923
logo
Mitsumi Electronics, Co...
M5-H1 MITSUMI-M5-H1 Datasheet
160Kb / 4P
Adjustable Type Coils
logo
Frontier Electronics.
M5-LFR FRONTIER-M5-LFR Datasheet
123Kb / 2P
1A SURFACE MOUNT RECTIFIER
More results

Similar Description - M5-512/192-10VI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB50N65H5 INFINEON-IGB50N65H5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IGW50N65F5A INFINEON-IGW50N65F5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW50N65H5A INFINEON-IGW50N65H5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2015-01-15
IGW40N65H5A INFINEON-IGW40N65H5A Datasheet
1Mb / 14P
High speed switching series fifth generation
Rev.2.1,2014-12-15
IKW40N65H5A INFINEON-IKW40N65H5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2014-12-15
IGB20N65S5 INFINEON-IGB20N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IGB15N65S5 INFINEON-IGB15N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation.
V2.2 2018-01-11
IGB50N65S5 INFINEON-IGB50N65S5 Datasheet
1Mb / 14P
High speed switching series fifth generation
V2.2 2018-01-11
IKW50N65F5A INFINEON-IKW50N65F5A Datasheet
1Mb / 16P
High speed switching series fifth generation
Rev.2.1,2015-01-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com