Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8511B Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8511B
Description  43V Asynchronous Boost WLED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8511B Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8511B Datasheet HTML 3Page - Richtek Technology Corporation RT8511B Datasheet HTML 4Page - Richtek Technology Corporation RT8511B Datasheet HTML 5Page - Richtek Technology Corporation RT8511B Datasheet HTML 6Page - Richtek Technology Corporation RT8511B Datasheet HTML 7Page - Richtek Technology Corporation RT8511B Datasheet HTML 8Page - Richtek Technology Corporation RT8511B Datasheet HTML 9Page - Richtek Technology Corporation RT8511B Datasheet HTML 10Page - Richtek Technology Corporation RT8511B Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT8511B
9
DS8511B-05
February 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT, OVP
OVP
R2
V
= V
1+
R1



where R1 and R2 make up the voltage divider connected
to the OVP pin.
Over Temperature Protection
The RT8511B has an Over Temperature Protection (OTP)
function to prevent overheating caused by excessive power
dissipation from overheating the device. The OTP will shut
down switching operation if the junction temperature
exceeds 160
°C. The boost converter will start switching
again when the junction temperature is cooled down by
approximately 30
°C.
Inductor Selection
The inductance depends on the maximum input current.
As a general rule, the inductor ripple current range is 20%
to 40% of the maximum input current. If 40% is selected
as an example, the inductor ripple current can be
calculated according to the following equation :
OUT
OUT
IN(MAX)
(MIN)
IN(MIN)
RIPPLE
IN(MAX)
VI
I
=
V
I
= 0.4 I
where
η is the efficiency of the boost converter, IIN(MAX) is
the maximum input current, IOUT is the total current from
all LED strings, and IRIPPLE is the inductor ripple current.
The input peak current can be calculated by maximum
input current plus half of inductor ripple current shown as
following equation :
IPEAK = 1.2 x IIN(MAX)
Note that the saturated current of the inductor must be
greater than IPEAK. The inductance can eventually be
determined according to the following equation :
Over Voltage Protection
The RT8511B equips Over Voltage Protection (OVP)
function. When the voltage at the OVP pin reaches a
threshold of approximately 1.2V, the MOSFET drive output
will turn off. The MOSFET drive output will turn on again
once the voltage at the OVP pin drops below the threshold.
Thus, the output voltage can be clamped at a certain
voltage level, as shown in the following equation :


)
2
IN
OUT
IN
2
OUT
OUT
OSC
V(V
V
L =
0.4
V
I
f


where fOSC is the switching frequency. For better efficiency,
it is suggested to choose an inductor with small series
resistance.
Diode Selection
The Schottky diode is a good choice for an asynchronous
boost converter due to its small forward voltage. However,
when selecting a Schottky diode, important parameters
such as power dissipation, reverse voltage rating, and
pulsating peak current must all be taken into
consideration. A suitable Schottky diode's reverse voltage
rating must be greater than the maximum output voltage,
and its average current rating must exceed the average
output current.
Capacitor Selection
Two 1
μF ceramic input capacitors and two 1μF ceramic
output capacitors are recommended for driving 10 WLEDs
in series. For better voltage filtering, ceramic capacitors
with low ESR are recommended. Note that the X5R and
X7R types are suitable because of their wide voltage and
temperature ranges.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-8L 2x2 package, the thermal resistance,
θJA, is
120
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formulas :


Similar Part No. - RT8511B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8511B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com