Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8511B Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8511B
Description  43V Asynchronous Boost WLED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8511B Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8511B Datasheet HTML 1Page - Richtek Technology Corporation RT8511B Datasheet HTML 2Page - Richtek Technology Corporation RT8511B Datasheet HTML 3Page - Richtek Technology Corporation RT8511B Datasheet HTML 4Page - Richtek Technology Corporation RT8511B Datasheet HTML 5Page - Richtek Technology Corporation RT8511B Datasheet HTML 6Page - Richtek Technology Corporation RT8511B Datasheet HTML 7Page - Richtek Technology Corporation RT8511B Datasheet HTML 8Page - Richtek Technology Corporation RT8511B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT8511B
4
DS8511B-05
February 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN Quiescent Current
IQ
VFB = 1.5V, No Switching
--
725
--
A
IQ_SW
VFB = 0V, Switching
--
--
2.2
mA
VIN Shutdown Current
ISHDN
VIN = 4.5V, VEN = 0V
--
1
4
A
Control Input
EN, PWM
Threshold Voltage
Logic-High
VIH
VIN = 2.7V to 24V
1.6
--
--
V
Logic-Low
VIL
VIN = 2.7V to 24V
--
--
0.8
EN Sink Current
IIH
VEN = 3V
1
--
10
A
Shutdown Delay
tSHDN
EN high to low
52
64
80
ms
PWM Dimming Frequency
0.1
--
8
kHz
Boost Converter
Switching Frequency
fOSC
VIN = 2.7V to 24V
0.4
0.5
0.6
MHz
LX On Resistance
(N-MOSFET)
RDS(ON)
VIN > 5V
--
0.4
0.6
Minimum ON Time
--
60
--
ns
Maximum Duty Cycle
DMAX
VFB = 0V, Switching
--
92
--
%
(VIN = 4.5V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.7V to 24V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VIN, EN, PWM, DIMC to GND ------------------------------------------------------------------------------------------
−0.3V to 26.5V
FB, OVP to GND ----------------------------------------------------------------------------------------------------------
−0.3V to 48V
LX to GND ------------------------------------------------------------------------------------------------------------------
−0.3V to 48V
< 500ns ----------------------------------------------------------------------------------------------------------------------
−1V to 48V
Power Dissipation, PD @ TA = 25
°C
WDFN-8L 2x2 -------------------------------------------------------------------------------------------------------------- 0.833W
Package Thermal Resistance (Note 2)
WDFN-8L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 120°C/W
WDFN-8L 2x2,
θJC--------------------------------------------------------------------------------------------------------- 8.2°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
–65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V


Similar Part No. - RT8511B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT85 ASTRODYNE-RT85 Datasheet
297Kb / 4P
85W Triple Output Switching Power Supply
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
RT8509GQW RICHTEK-RT8509GQW Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Schaffner International...
RT8522-10-6M0 SCHAFFNER-RT8522-10-6M0 Datasheet
2Mb / 6P
Current-compensated Chokes
RT8522-12-5M0 SCHAFFNER-RT8522-12-5M0 Datasheet
2Mb / 6P
Current-compensated Chokes
More results

Similar Description - RT8511B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com