Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6752-2
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6752-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6752-2_15 Datasheet HTML 6Page - Linear Technology LTC6752-2_15 Datasheet HTML 7Page - Linear Technology LTC6752-2_15 Datasheet HTML 8Page - Linear Technology LTC6752-2_15 Datasheet HTML 9Page - Linear Technology LTC6752-2_15 Datasheet HTML 10Page - Linear Technology LTC6752-2_15 Datasheet HTML 11Page - Linear Technology LTC6752-2_15 Datasheet HTML 12Page - Linear Technology LTC6752-2_15 Datasheet HTML 13Page - Linear Technology LTC6752-2_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/LTC6752-4
10
6752fb
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics Dc
Input Bias Current vs Differential
Input Voltage
Input Hysteresis vs LE/HYST Pin
Voltage
LE/HYST Pin I-V Characteristics
INPUT DIFFERENTIAL VOLTAGE (V)
–5.4
1.0
0.5
–0.5
–1.5
–2.5
0
–1.0
–2.0
–3.0
–3.5
–0.6
4.2
–3.0
1.8
6752 G07
5.4
–1.8
3.0
–4.2
0.6
VCC = 5V
VDD = 2.5V
VCM = 2.5V
–IN
+IN
LE/HYST VOLTAGE (V)
0.75
50
40
20
30
10
0
1.50
1.25
6752 G08
1.75
1.00
LE/HYST PIN VOLTAGE (V)
–0.3
200
150
0
100
50
–50
–100
4.5
1.3
2.1
2.9
3.7
6752 G09
5.3
0.5
VCC = 2.5V
VCC = 5V
Input Offset Voltage and
Hysteresis vs Input Common Mode
Input Bias Current vs Temperature
Input Bias Current vs Common
Mode Voltage
Input Offset Voltage and
Hysteresis vs Temperature
Input Offset Voltage and
Hysteresis vs VCC Voltage
Input Offset Voltage and
Hysteresis vs VDD Voltage
VCC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV,TA = 25°C unless otherwise noted. VCC ≠ VDD conditions applicable only to the LTC6752-2/LTC6752-3/
LTC6752-4.
TEMPERATURE (°C)
–55
8
6
4
0
2
–2
–4
25
105
–15
65
6752 G01
125
5
85
–35
45
VHYST
VOS
INPUT COMMON MODE VOLTAGE (V)
6752 G04
HYSTERESIS
OFFSET
–0.2
7
–2
4
2
6
5
3
1
–1
–3
0
1.0
1.8
0.2
1.4
2.2
2.6
0.6
INPUT COMMON MODE VOLTAGE (V)
6752 G06
VIN = VOS
–0.2
0.5
–1.0
0
–0.5
–1.5
–2.0
1.0
1.8
0.2
1.4
2.2
2.6
0.6
0.8
0.6
0.2
–0.4
–0.8
–1.2
0.4
–0.2
–0.6
–1.0
0
–1.4
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G05
125
5
85
–35
45
VCM = 2.2V
VCM = 300mV
VCC VOLTAGE (V)
2.45
6
5
4
2
3
1
0
4.55
3.85
6752 G02
5.25
3.15
HYSTERESIS
OFFSET
VDD VOLTAGE (V)
1.6
7
6
5
4
2
3
1
0
3.1
2.6
6752 G03
3.6
2.1
HYSTERESIS
OFFSET


Similar Part No. - LTC6752-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-2 LINER-LTC6752-2 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752-2 AD-LTC6752-2 Datasheet
700Kb / 30P
   Comparator Family with Rail-to-Rail Inputs
More results

Similar Description - LTC6752-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
   Comparator Family with Rail-to-Rail Inputs
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
   DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com