Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT2207 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLT2207
Description  COMPLEMENTARY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2207 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT2207_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLT2207_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLT2207_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLT2207G
SURFACE MOUNT SILICON
DUAL, COMPLEMENTARY
TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued:
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
-
-
-
MHz
fT
VCE=20V, IC=50mA, f=100MHz
-
-
200
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
8.0
-
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
25
-
-
pF
Cib
VEB=2.0V, IC=0, f=1.0MHz
-
-
-
30
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
-
-
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
-
-
hre
VCE=10V, IC=1.0mA, f=1.0kHz
-
8.0
-
-
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
-
4.0
-
-
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
-
-
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
-
-
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
-
-
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
-
-
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
-
150
-
-
ps
NF
VCE=10V, IC=100μA, RS=1.0kΩ, f=1.0kHz
-
4.0
-
-
dB
ton
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
-
-
45
ns
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
10
-
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
-
25
-
40
ns
toff
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
100
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
-
225
-
-
ns
ts
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
80
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
-
60
-
-
ns
tf
VCC=6.0V, IC=150mA, IB1=IB2=15mA
-
-
-
30
ns
MARKING CODE: L7G
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
SOT-563 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (29-June 2015)


Similar Part No. - CMLT2207_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2207G CENTRAL-CMLT2207G Datasheet
584Kb / 2P
SURFACE MOUNT DUAL, COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMLT2207_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Chenmko Enterprise Co. ...
CHT3946UPNPT CHENMKO-CHT3946UPNPT Datasheet
155Kb / 5P
Complementary Small Signal Transistor
logo
New Jersey Semi-Conduct...
2N4854 NJSEMI-2N4854 Datasheet
77Kb / 1P
COMPLEMENTARY MONOLITHIC TRANSISTOR PAIR
2N6114 NJSEMI-2N6114 Datasheet
133Kb / 1P
COMPLEMENTARY UNIJUNCTION TRANSISTOR
logo
Continental Device Indi...
CIL2383 CDIL-CIL2383 Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
MPQ6700 CENTRAL-MPQ6700_15 Datasheet
1Mb / 4P
SILICON COMPLEMENTARY QUAD TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6430 NJSEMI-2N6430 Datasheet
51Kb / 1P
COMPLEMENTARY SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com