Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT2207 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT2207
Description  COMPLEMENTARY TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2207 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT2207_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLT2207_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLT2207_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMLT2207G
SURFACE MOUNT SILICON
DUAL, COMPLEMENTARY
TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLT2207G
consists of one isolated 2N2222A NPN transistor and
one complementary isolated 2N2907A PNP transistor,
manufactured by the epitaxial planar process and
epoxy molded in an SOT-563 surface mount package.
This device has been designed for small signal general
purpose amplifier and switching applications.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
NPN (Q1)
PNP (Q2)
UNITS
Collector-Base Voltage
VCBO
75
60
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
NPN (Q1)
PNP (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=60V
-
10
-
-
nA
ICBO
VCB=50V
-
-
-
10
nA
ICBO
VCB=60V, TA=125°C
-
10
-
-
nA
ICBO
VCB=50V, TA=125°C
-
-
-
10
nA
ICEV
VCE=60V, VEB(OFF)=3.0V
-
10
-
-
nA
ICEV
VCE=30V, VEB(OFF)=500mV
-
-
-
50
nA
IEBO
VEB=3.0V
-
10
-
-
nA
BVCBO
IC=10μA
75
-
60
-
V
BVCEO
IC=10mA
40
-
60
-
V
BVEBO
IE=10μA
6.0
-
5.0
-
V
VCE(SAT)
IC=150mA, IB=15mA
-
0.3
-
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
-
1.0
-
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.2
-
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
-
2.0
-
2.6
V
hFE
VCE=10V, IC=0.1mA
35
-
75
-
hFE
VCE=10V, IC=1.0mA
50
-
100
-
hFE
VCE=10V, IC=10mA
75
-
100
-
hFE
VCE=10V, IC=150mA
100
300
100
300
hFE
VCE=1.0V, IC=150mA
50
-
-
-
hFE
VCE=10V, IC=500mA
40
-
50
-
MARKING CODE: L7G
• Device is Halogen Free by design
SOT-563 CASE
R5 (29-June 2015)
www.centr a lsemi.com


Similar Part No. - CMLT2207_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2207G CENTRAL-CMLT2207G Datasheet
584Kb / 2P
SURFACE MOUNT DUAL, COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMLT2207_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Chenmko Enterprise Co. ...
CHT3946UPNPT CHENMKO-CHT3946UPNPT Datasheet
155Kb / 5P
Complementary Small Signal Transistor
logo
New Jersey Semi-Conduct...
2N4854 NJSEMI-2N4854 Datasheet
77Kb / 1P
COMPLEMENTARY MONOLITHIC TRANSISTOR PAIR
2N6114 NJSEMI-2N6114 Datasheet
133Kb / 1P
COMPLEMENTARY UNIJUNCTION TRANSISTOR
logo
Continental Device Indi...
CIL2383 CDIL-CIL2383 Datasheet
108Kb / 3P
NPN COMPLEMENTARY SILICON TRANSISTOR
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
MPQ6700 CENTRAL-MPQ6700_15 Datasheet
1Mb / 4P
SILICON COMPLEMENTARY QUAD TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6430 NJSEMI-2N6430 Datasheet
51Kb / 1P
COMPLEMENTARY SILICON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com