Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSH132 Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WSH132
Description  Unipolar Hall Effect Switch IC with built-in pull high resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH132 Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WSH132 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH132 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH132 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH132 Datasheet HTML 4Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSH132
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2014/2/10
Unipolar Hall Effect Switch IC with built-in pull high resistor
Features:
Operates from 2.4V to 24 V supply voltage
Operates with magnetic fields from DC to 15kHz
On-chip Hall Sensor and 25k Ω pull-high resistor
On-chip temperature compensation circuitry minimizes shifts in on and off points
and hysteresis over temperature and supply voltage
Ideal sensor for speed measurement, revolution counting, positioning
Off (High) with magnetic North pole and On (Low) without magnetic field or
with magnetic South pole
Functional Description :
WSH132 is designed to integrate Hall sensor with output driver together on the same
chip, it is suitable for speed measurement, revolution counting, positioning. It
includes a temperature compensated voltage regulator, a differential amplifier, a
Hysteresis controller and a output driver capable of sinking up to 20mA current load.
An on-chip protection resistor is implemented to prevent reverse power fault.
The temperature-dependent bias increases the supply voltage of the hall plates and
adjusts the switching points to the decreasing induction of magnets at higher
temperatures. Subsequently, the output can keep switching on/off on more precise
switch point regardless to the ambient temperature. WSH132 are rated for operation
over temperature range from –40˚ C to 125 ˚C and voltage ranges from 2.4V to 24V.
Pin Descriptions:
Name
P/I/O
Pin#
Description
Vdd
P
1
Positive Power Supply
Gnd
O
2
Ground
Vout
O
3
Output Pin


Similar Part No. - WSH132

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WSH132 DIWELL-WSH132 Datasheet
183Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
logo
Winson Semiconductor Co...
WSH132 WINSON-WSH132_17 Datasheet
190Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
More results

Similar Description - WSH132

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
WSH132 DIWELL-WSH132 Datasheet
183Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
logo
Winson Semiconductor Co...
WSH132 WINSON-WSH132_17 Datasheet
190Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133 Datasheet
201Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133_17 Datasheet
190Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
logo
DIWELL Electronics Co.,...
WSH133 DIWELL-WSH133 Datasheet
184Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
Unipolar Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH1132 WINSON-WSH1132 Datasheet
145Kb / 4P
Unipolar Hall Effect Switch IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com