Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2230 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2230
Description  10-Bit,170Msps/ 135Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2230_15 Datasheet HTML 2Page - Linear Technology LTC2230_15 Datasheet HTML 3Page - Linear Technology LTC2230_15 Datasheet HTML 4Page - Linear Technology LTC2230_15 Datasheet HTML 5Page - Linear Technology LTC2230_15 Datasheet HTML 6Page - Linear Technology LTC2230_15 Datasheet HTML 7Page - Linear Technology LTC2230_15 Datasheet HTML 8Page - Linear Technology LTC2230_15 Datasheet HTML 9Page - Linear Technology LTC2230_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2230/LTC2231
6
22301fb
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they will
be clamped by internal diodes. This product can handle input currents of
greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 170MHz (LTC2230) or 135MHz (LTC2231),
LVDS outputs differential, ENC+/ENC= 2VP-P sine wave, input range =
2VP-P with differential drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve. The
deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when the
output code flickers between 00 0000 0000 and 11 1111 1111 in 2’s
complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: VDD = 3.3V, fSAMPLE = 170MHz (LTC2230) or 135MHz (LTC2231),
differential ENC+/ENC= 2VP-P sine wave, input range = 1VP-P with differential
drive, output CLOAD = 5pF.
Note 10: SNR minimum and typical values are for LVDS mode. Typical values
for CMOS mode are typically 0.1dB lower.
Note 11: SFDR minimum values are for LVDS mode. Typical values are for
both LVDS and CMOS modes.
Note 12: SINAD minimum and typical values are for LVDS mode. Typical
values for CMOS mode are typically 0.1dB lower.
ELECTRICAL CHARACTERISTICS
LTC2230: INL, 2V Range
LTC2230: DNL, 2V Range
LTC2230: Shorted Input Noise
Histogram
OUTPUT CODE
0
1024
2230 G01
256
512
768
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
OUTPUT CODE
0
1024
2230 G02
256
512
768
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE
513
140000
120000
100000
80000
60000
40000
20000
0
2230 G23
514
515
131059
6
7
INPUT FREQUENCY (MHz)
0
61
62
63
500
2230 G03
60
59
57
100
600
200
300
400
58
INPUT FREQUENCY (MHz)
0
61
62
63
500
2230 G04
60
59
57
100
600
200
300
400
58
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 G05
500
300
LTC2230: SNR
vs Input Frequency, –1dB,
2V Range
LTC2230: SNR
vs Input Frequency, –1dB,
1V Range
LTC2230: SFDR (HD2 and HD3)
vs Input Frequency, –1dB,
2V Range


Similar Part No. - LTC2230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
More results

Similar Description - LTC2230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
10-Bit, 135Msps ADC
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com