Electronic Components Datasheet Search |
|
LTC2230 Datasheet(PDF) 2 Page - Linear Technology |
|
|
LTC2230 Datasheet(HTML) 2 Page - Linear Technology |
2 / 32 page LTC2230/LTC2231 2 22301fb CO VERTER CHARACTERISTICS Supply Voltage (VDD) ................................................. 4V Digital Output Ground Voltage (OGND) ....... –0.3V to 1V Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V) Digital Input Voltage .................... –0.3V to (VDD + 0.3V) Digital Output Voltage ............... –0.3V to (OVDD + 0.3V) Power Dissipation ............................................ 1500mW Operating Temperature Range LTC2230C, LTC2231C ............................. 0 °C to 70°C LTC2230I, LTC2231I ...........................–40 °C to 85°C Storage Temperature Range ..................–65 °C to 150°C TJMAX = 150°C, θJA = 20°C/W EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO OVDD = VDD (Notes 1, 2) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25 °C. (Note 4) LTC2230 LTC2231 PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Resolution (No Missing Codes) ● 10 10 Bits Integral Linearity Error Differential Analog Input (Note 5) ● –1 ±0.2 1 –0.8 ±0.2 0.8 LSB Differential Linearity Error Differential Analog Input ● –0.6 ±0.1 0.6 –0.6 ±0.1 0.6 LSB Integral Linearity Error Single-Ended Analog Input (Note 5) ±0.5 ±0.5 LSB Differential Linearity Error Single-Ended Analog Input ±0.1 ±0.1 LSB Offset Error (Note 6) ● –35 ±335 –35 ±335 mV Gain Error External Reference ● –2.5 ±0.5 2.5 –2.5 ±0.5 2.5 %FS Offset Drift ±10 ±10 μV/C Full-Scale Drift Internal Reference ±30 ±30 ppm/C External Reference ±15 ±15 ppm/C Transition Noise SENSE = 1V 0.12 0.12 LSBRMS TOP VIEW UP PACKAGE 64-LEAD (9mm × 9mm) PLASTIC QFN AIN + 1 AIN + 2 AIN – 3 AIN – 4 REFHA 5 REFHA 6 REFLB 7 REFLB 8 REFHB 9 REFHB 10 REFLA 11 REFLA 12 VDD 13 VDD 14 VDD 15 GND 16 48 D7+/DA4 47 D7–/DA3 46 D6+/DA2 45 D6–/DA1 44 D5+/DA0 43 D5–/DNC 42 OVDD 41 OGND 40 D4+/DNC 39 D4–/CLOCKOUTA 38 D3+/CLOCKOUTB 37 D3–/OFB 36 CLOCKOUT +/DB9 35 CLOCKOUT –/DB8 34 OVDD 33 OGND 65 ORDER PART NUMBER Consult LTC Marketing for parts specified with wider operating temperature ranges. The temperature grade is identified by a label on the shipping container. LTC2230CUP LTC2230IUP LTC2231CUP LTC2231IUP Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ UP PART MARKING* LTC2230UP LTC2230UP LTC2231UP LTC2231UP |
Similar Part No. - LTC2230_15 |
|
Similar Description - LTC2230_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |