Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2230 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2230
Description  10-Bit,170Msps/ 135Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2230_15 Datasheet HTML 4Page - Linear Technology LTC2230_15 Datasheet HTML 5Page - Linear Technology LTC2230_15 Datasheet HTML 6Page - Linear Technology LTC2230_15 Datasheet HTML 7Page - Linear Technology LTC2230_15 Datasheet HTML 8Page - Linear Technology LTC2230_15 Datasheet HTML 9Page - Linear Technology LTC2230_15 Datasheet HTML 10Page - Linear Technology LTC2230_15 Datasheet HTML 11Page - Linear Technology LTC2230_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2230/LTC2231
8
22301fb
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G14
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G15
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G16
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G19
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G18
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G17
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G20
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G21
50
60
70
80
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
10
20
30
40
2230 G22
50
60
70
80
LTC2230: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range
LTC2230: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range
LTC2230: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range
LTC2230: 8192 Point FFT,
fIN = 70MHz, –1dB, 1V Range
LTC2230: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range
LTC2230: 8192 Point FFT,
fIN = 140MHz, –1dB, 1V Range
LTC2230: 8192 Point FFT,
fIN = 250MHz, –1dB, 2V Range
LTC2230: 8192 Point FFT,
fIN = 250MHz, –1dB, 1V Range
LTC2230: 8192 Point FFT,
fIN = 500MHz, –6dB, 1V Range


Similar Part No. - LTC2230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
More results

Similar Description - LTC2230_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
10-Bit, 135Msps ADC
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com